Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C787U Datasheet(PDF) 14 Page - Abracon Corporation

Part # ACPL-C787U
Description  Optically Isolated Sigma-Delta Modulator with Low Offset Drift and Wide Operating Temperature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C787U Datasheet(HTML) 14 Page - Abracon Corporation

Back Button ACPL-C787U Datasheet HTML 10Page - Abracon Corporation ACPL-C787U Datasheet HTML 11Page - Abracon Corporation ACPL-C787U Datasheet HTML 12Page - Abracon Corporation ACPL-C787U Datasheet HTML 13Page - Abracon Corporation ACPL-C787U Datasheet HTML 14Page - Abracon Corporation ACPL-C787U Datasheet HTML 15Page - Abracon Corporation ACPL-C787U Datasheet HTML 16Page - Abracon Corporation ACPL-C787U Datasheet HTML 17Page - Abracon Corporation ACPL-C787U Datasheet HTML 18Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Broadcom
ACPL-C787U-DS100
14
ACPL-C787U Data Sheet
Optically Isolated Sigma-Delta Modulator with
Low Offset Drift and Wide Operating Temperature
Application Information
Typical Application Circuit
Figure 16 shows a typical application circuit for motor control phase current sensing. By choosing the appropriate shunt
resistance, a wide range of current can be monitored from less than 1A to more than 100A.
Figure 16: Typical Application Circuit in Motor Phase Current Setting
HV+
GATE
FLOATING
POSITIVE SUPPLY
R1
ISOLATION
NON
MOTOR
+–
R SENSE
DRIVE
CIRCUIT
R2 43
C2
10nF
D1
5.1V
C1b
10 F
C1a
0.1 F
BARRIER
C3a
0.1 F
ISOLATED
5V/3.3V
C3b
10 F
HV –
GND1
ACPL -C787U
GND2
VDD2
MCLK
MDAT
GND2
VDD1
VIN+
VIN–
GND1
Shunt Resistors
The current-sensing shunt resistor should have low
resistance (to minimize power dissipation), low inductance
(to minimize di/dt induced voltage spikes which could
adversely affect operation), and reasonable tolerance (to
maintain overall circuit accuracy). Choosing a particular
value for the shunt is usually a compromise between
minimizing power dissipation and maximizing accuracy.
Smaller shunt resistances decrease power dissipation,
while larger shunt resistances can improve circuit accuracy
by utilizing the full input range of the isolated modulator.
The first step in selecting a shunt is determining how much
current the shunt will be sensing. The graph in Figure 17
shows the rms current in each phase of a three-phase
induction motor as a function of average motor output power
(in horsepower, hp) and motor drive supply voltage. The
maximum value of the shunt is determined by the current
being measured and the maximum recommended input
voltage of the isolated modulator. The maximum shunt
resistance can be calculated by taking the maximum
recommended input voltage and dividing by the peak
current that the shunt should see during normal operation.
For example, if a motor will have a maximum rms current of
35 Arms and can experience up to 50% overloads during
normal operation, the peak current is 75A (= 35 × 1.414 ×
1.5). Assuming a maximum input voltage of 200 mV without
overload condition, the maximum value of shunt resistance
in this case would be about 4 mΩ. Under overload
conditions, the maximum input voltage will then be 300 mV
(75A × 4 mΩ), well within the ±320 mV FSR.
Figure 17: Motor Output Horsepower vs. Motor Phase Current
and Supply
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90 100
MOTOR PHASE CURRENT - A (rms)
440 Vac
380 Vac
220 Vac
120 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com