Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C787U Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACPL-C787U
Description  Optically Isolated Sigma-Delta Modulator with Low Offset Drift and Wide Operating Temperature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C787U Datasheet(HTML) 2 Page - Abracon Corporation

  ACPL-C787U Datasheet HTML 1Page - Abracon Corporation ACPL-C787U Datasheet HTML 2Page - Abracon Corporation ACPL-C787U Datasheet HTML 3Page - Abracon Corporation ACPL-C787U Datasheet HTML 4Page - Abracon Corporation ACPL-C787U Datasheet HTML 5Page - Abracon Corporation ACPL-C787U Datasheet HTML 6Page - Abracon Corporation ACPL-C787U Datasheet HTML 7Page - Abracon Corporation ACPL-C787U Datasheet HTML 8Page - Abracon Corporation ACPL-C787U Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Broadcom
ACPL-C787U-DS100
2
ACPL-C787U Data Sheet
Optically Isolated Sigma-Delta Modulator with
Low Offset Drift and Wide Operating Temperature
Functional Block Diagram
Figure 1: Functional Block Diagram
Pin Configurations and Descriptions
Figure 2: Pin Configuration
Table 1: Pin Descriptions
Pin
Symbol
Description
1
VDD1
Supply voltage for signal input side (analog side), relative to GND1
2
VIN+
Positive analog input, recommended input range ±200 mV
3
VIN–
Negative analog input, recommended input range ±200 mV (normally connected to GND1)
4
GND1
Supply ground for signal input side
5
GND2
Supply ground for data/clock output side (digital side)
6
MDAT
Modulator data output
7
MCLK
Modulator clock output
8
VDD2
Supply voltage for data output side, relative to GND2
LED
DRIVER
SHIELD
CLK
VREF
-
MODULATOR/
ENCODER
DECODER
VDD1
VIN+
VIN–
VDD2
MCLK
MDAT
GND1
GND2
VDD1
VIN+
VIN–
GND1
VDD2
MCLK
MDAT
GND2
4
3
2
1
ACPL-C787U
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com