Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5510 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 11Page - ams-OSRAM AG AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG AS5510 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-07] 2015-Feb-27
AS5510 − Detailed Description
Data Valid
The state of the data line represents valid data when, after a
START condition, the data line is stable for the duration of the
HIGH period of the clock signal. The data on the line must be
changed during the LOW period of the clock signal. There is one
clock pulse per bit of data. Each data transfer is initiated with a
START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP
conditions are not limited, and are determined by the master
device. The information is transferred byte-wise and each
receiver acknowledges with a ninth bit.
Acknowledge
Each receiving device, when addressed, is obliged to generate
an acknowledge bit after the reception of each byte. The master
device must generate an extra clock pulse that is associated
with this acknowledge bit. A device that acknowledges must
pull down the SDA line during the acknowledge clock pulse in
such a way that the SDA line is stable LOW during the HIGH
period of the acknowledge-related clock pulse. Of course, setup
and hold times must be taken into account. A master must
signal an end of READ access to the slave by not generating an
acknowledge bit on the last byte that has been clocked out of
the slave. In this case, the slave must leave the data line HIGH
to enable the master to generate the STOP condition.
Figure 15:
Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
Depending upon the state of the R/W bit, two types of data
transfer are possible:
Data transfer from a Master Transmitter to a Slave
Receiver.
The first byte transmitted by the master is the slave address,
followed by R/W = 0. Next follows a number of data bytes. The
slave returns an acknowledge bit after each received byte. If the
slave does not understand the command or data it sends a “not
acknowledge”. Data is transferred with the most significant bit
(MSB) first.
1
...
1
9
8
7
6
...
29
8
7
SDA
SCL
Start
Condition
Stop Condition or
Repeated Start Condition
MSB
R/W
ACK
LSB
ACK
Slave Address
Repeated if more Bytes are transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com