Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5510 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS5510
Description  Linear Hall Sensor with I²C Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS5510 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS5510 Datasheet HTML 12Page - ams-OSRAM AG AS5510 Datasheet HTML 13Page - ams-OSRAM AG AS5510 Datasheet HTML 14Page - ams-OSRAM AG AS5510 Datasheet HTML 15Page - ams-OSRAM AG AS5510 Datasheet HTML 16Page - ams-OSRAM AG AS5510 Datasheet HTML 17Page - ams-OSRAM AG AS5510 Datasheet HTML 18Page - ams-OSRAM AG AS5510 Datasheet HTML 19Page - ams-OSRAM AG AS5510 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ams Datasheet
Page 15
[v1-07] 2015-Feb-27
Document Feedback
AS5510 − Detailed Description
Data transfer from a Slave Transmitter to a Master
Receiver.
The master transmits the first byte (the slave address). The slave
then returns an acknowledge bit, followed by the slave
transmitting a number of data bytes. The master returns an
acknowledge bit after all received bytes other than the last byte.
At the end of the last received byte, a “not acknowledge” is
returned. The master device generates all of the serial clock
pulses and the START and STOP conditions. A transfer is ended
with a STOP condition or with a repeated START condition. Since
a repeated START condition is also the beginning of the next
serial transfer, the bus is not released. Data is transferred with
the most significant bit (MSB) first.
The AS5510 can operate in the following two modes:
Slave Receiver Mode (Write Mode)
Serial data and clock are received through SDA and SCL. Each
byte is followed by an acknowledge bit (or by a not
acknowledge depending on the address-pointer pointing to a
valid position). START and STOP conditions are recognized as
the beginning and end of a serial transfer. Address recognition
is performed by hardware after reception of the slave address
and direction bit (see Figure 16). The slave address byte is the
first byte received after the START condition. The slave address
byte contains the 7-bit AS5510 address. The 7-bit slave address
is followed by the direction bit (R/W), which, for a write, is 0.
After receiving and decoding the slave address byte the device
outputs an acknowledge on the SDA. After the AS5510
acknowledges the slave address + write bit, the master
transmits a register address to the AS5510. This sets the address
pointer on the AS5510. If the address is a valid readable address
the AS5510 answers by sending an acknowledge. If the
address-pointer points to an invalid position a “not
acknowledge” is sent. The master may then transmit zero or
more bytes of data. In case of the address pointer pointing to
an invalid address the received data are not stored. The address
pointer will increment after each byte transferred independent
from the address being valid. If the address-pointer reaches a
valid position again, the AS5510 answers with an acknowledge
and stores the data. The master generates a STOP condition to
terminate the data write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com