Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWAZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADBMS1818ASWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADBMS1818ASWAZ-R7 Datasheet HTML 57Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 58Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 59Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 60Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 61Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 62Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 63Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 64Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 61 of 92
Bus Protocols
The protocol formats for commands are depicted in Table 48, Table
49, and Table 50. Table 47 is the key for reading the protocol
diagrams.
Table 47. Protocol Key
Byte
Description
CMD0
Command Byte 0 (see Table 51)
CMD1
Command Byte 1 (see Table 51)
Table 47. Protocol Key (Continued)
Byte
Description
PEC0
PEC Byte 0 (see Table 46)
PEC1
PEC Byte 1 (see Table 46)
n
Number of bytes
Continuation of protocol
Master to slave
Slave to master
Table 48. Poll Command
8
8
8
8
CMD0
CMD1
PEC0
PEC1
Poll Data
Table 49. Write Command
8
8
8
8
8
8
8
8
8
8
CMD0
CMD1
PEC0
PEC1
Data byte
low
Data byte
high
PEC0
PEC1
Shift Byte 1 …
Shift Byte n
Table 50. Read Command
8
8
8
8
8
8
8
8
8
8
CMD0
CMD1
PEC0
PEC1
Data byte
low
Data byte
high
PEC0
PEC1
Shift Byte 1 …
Shift Byte n
Command Format: The format for the commands is shown in Table 51. CC, Bits[10:0] is the 11-bit command code. A list of all the command
codes is shown in Table 52. All commands have a value 0 for CMD0, Bit 7 through CMD0, Bit 3. The PEC must be computed on the entire
16-bit command (CMD0 and CMD1).
Table 51. Command Format
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMD0
W
0
0
0
0
0
CC, Bit 10
CC, Bit 9
CC, Bit 8
CMD1
W
CC, Bit 7
CC, Bit 6
CC, Bit 5
CC, Bit 4
CC, Bit 3
CC, Bit 2
CC, Bit 1
CC, Bit 0
Commands
Table 52 lists all the commands and their options.
Table 52. Command Codes
Command Description
Name
CC, Bits[10:0] – Command Code
10
9
8
7
6
5
4
3
2
1
0
Write Configuration Register Group A
WRCFGA
0
0
0
0
0
0
0
0
0
0
1
Write Configuration Register Group B
WRCFGB
0
0
0
0
0
1
0
0
1
0
0
Read Configuration Register Group A
RDCFGA
0
0
0
0
0
0
0
0
0
1
0
Read Configuration Register Group B
RDCFGB
0
0
0
0
0
1
0
0
1
1
0
Read Cell Voltage Register Group A
RDCVA
0
0
0
0
0
0
0
0
1
0
0
Read Cell Voltage Register Group B
RDCVB
0
0
0
0
0
0
0
0
1
1
0
Read Cell Voltage Register Group C
RDCVC
0
0
0
0
0
0
0
1
0
0
0
Read Cell Voltage Register Group D
RDCVD
0
0
0
0
0
0
0
1
0
1
0
Read Cell Voltage Register Group E
RDCVE
0
0
0
0
0
0
0
1
0
0
1
Read Cell Voltage Register Group F
RDCVF
0
0
0
0
0
0
0
1
0
1
1
Read Auxiliary Register Group A
RDAUXA
0
0
0
0
0
0
0
1
1
0
0
Read Auxiliary Register Group B
RDAUXB
0
0
0
0
0
0
0
1
1
1
0
Read Auxiliary Register Group C
RDAUXC
0
0
0
0
0
0
0
1
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com