Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWAZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADBMS1818ASWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADBMS1818ASWAZ-R7 Datasheet HTML 6Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 7Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 8Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 9Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 10Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 11Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 12Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 13Page - Analog Devices ADBMS1818ASWAZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. B | 10 of 92
ISOSPI TIMING SPECIFICATIONS
See Figure 86.
Table 10.
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
SCK Falling Edge to SDO Valid (t8)1
Apply over the full specified temperature range
60
ns
SCK Rising Edge to Short ±1 Transmit (t9)
Apply over the full specified temperature range
50
ns
CSB Transition to Long ±1 Transmit (t10)
Apply over the full specified temperature range
60
ns
CSB Rising Edge to SDO Rising (t11) 1
Apply over the full specified temperature range
200
ns
Data Return Delay (tRTN)
Apply over the full specified temperature range
325
375
425
ns
Chip-Select Daisy-Chain Delay (tDSY(CS))
Apply over the full specified temperature range
120
180
ns
Data Daisy-Chain Delay (tDSY(D))
Apply over the full specified temperature range
200
250
300
ns
Data Daisy-Chain Lag (vs. Chip Select) (tLAG)
= (tDSY(D) + t1/2PW(D)) – (tDSY(CS) + t1/2PW(CS)), apply over the full
specified temperature range
0
35
70
ns
Chip Select High to Low Pulse Governor (t5(GOV)) Apply over the full specified temperature range
0.6
0.82
µs
Data to Chip-Select Pulse Governor (t6(GOV))
Apply over the full specified temperature range
0.8
1.05
µs
isoSPI Port Reversal Blocking tBLOCK Window
Apply over the full specified temperature range
2
10
µs
1 These specifications do not include rise or fall time of SDO. Although fall time (typically 5 ns due to the internal pull-down transistor) is not a concern, the rising edge
transition time (tRISE) is dependent on the pull-up resistance and load capacitance on the SDO pin. The time constant must be chosen such that SDO meets the setup time
requirements of the microcontroller unit (MCU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com