Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 37Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 38Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 39Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 40Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 41Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 42Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 43Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 44Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 41 of 92
The default values of the PWM control settings (located in PWM
Register Group and PWM/S Control Register Group B) are all 1s.
Upon entering sleep mode, the PWM control settings are initialized
to their default values.
DISCHARGE TIMER MONITOR
The ADBMS1818 has the ability to periodically monitor cell voltages
while the discharge timer is active. The host writes the DTMEN bit
in Configuration Register Group B to 1 to enable this feature.
When the discharge timer monitor is enabled and the watchdog
timer has expired, the ADBMS1818 performs a conversion of all cell
voltages in 7 kHz (normal) mode every 30 seconds. The overvolt-
age and undervoltage comparisons are performed and flags are set
if cells have crossed a threshold. For any undervoltage cells, the
discharge timer monitor automatically clears the associated DCC bit
in Configuration Register Group A or Configuration Register Group
B so that the cell is no longer discharged. Clearing the DCC bit also
disables PWM discharge. With this feature, the host can write the
undervoltage threshold to the desired discharge level and use the
discharge timer monitor to discharge all, or selected, cells (using
either constant discharge or PWM discharge) down to that level.
During discharge timer monitoring, digital redundancy checking is
performed on the cell voltage measurements. If a digital redundan-
cy failure occurs, all DCC bits are cleared.
I2C/SPI MASTER ON ADBMS1818 USING
GPIOS
The I/O ports GPIO3, GPIO4, and GPIO5 on the ADBMS1818 can
be used as an I2C or SPI master port to communicate to an I 2C or
SPI slave. In the case of an I2C master, GPIO4 and GPIO5 form the
SDA and SCL ports of the I2C interface, respectively. In the case of
an SPI master, GPIO3, GPIO4, and GPIO5 are the CSBM, SDIOM,
and SCKM ports of the SPI, respectively. The SPI master on the
ADBMS1818 supports SPI Mode 3 (CHPA = 1 and CPOL = 1).
The GPIOs are open-drain outputs, so an external pull-up is re-
quired on these ports to operate as an I2C or SPI master. It is also
important to write the GPIO bits to 1 in the configuration register
groups so these ports are not pulled low internally by the device.
COMM Register
ADBMS1818 has a 6-byte COMM register, as shown in Table 36.
This register stores all data and control bits required for I2C or
SPI communication to a slave. The COMM register contains three
bytes of data Dn, Bits[7:0] to be transmitted to or received from
the slave device. ICOMn, Bits[3:0] specify control actions before
transmitting/receiving each data byte. FCOMn, Bits[3:0] specify
control actions after transmitting/receiving each data byte.
If ICOMn, Bit 3 in the COMM register is set to 1, the device
becomes an SPI master, and if the bit is set to 0, the device
becomes an I2C master.
Table 37 describes the valid write codes for ICOMn, Bits[3:0] and
FCOMn, Bits[3:0] and their behavior when using the device as an
I2C master.
Table 38 describes the valid write codes for ICOMn, Bits[3:0] and
FCOMn, Bits[3:0] and their behavior when using the device as an
SPI master.
Note that only the codes listed in Table 37 and Table 38 are valid
for ICOMn, Bits[3:0] and FCOMn, Bits[3:0]. Writing any other code
that is not listed in Table 37 and Table 38 to ICOMn, Bits[3:0] and
FCOMn, Bits[3:0] may result in unexpected behavior on the I2C or
SPI port.
Table 36. COMM Register Memory Map
Register
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
COMM0
R/W
ICOM0, Bit 3
ICOM0, Bit 2
ICOM0, Bit 1
ICOM0, Bit 0
D0, Bit 7
D0, Bit 6
D0, Bit 5
D0, Bit 4
COMM1
R/W
D0, Bit 3
D0, Bit 2
D0, Bit 1
D0, Bit 0
FCOM0, Bit 3
FCOM0, Bit 2
FCOM0, Bit 1
FCOM0, Bit 0
COMM2
R/W
ICOM1, Bit 3
ICOM1, Bit 2
ICOM1, Bit 1
ICOM1, Bit 0
D1, Bit 7
D1, Bit 6
D1, Bit 5
D1, Bit 4
COMM3
R/W
D1, Bit 3
D1, Bit 2
D1, Bit 1
D1, Bit 0
FCOM1, Bit 3
FCOM1, Bit 2
FCOM1, Bit 1
FCOM1, Bit 0
COMM4
R/W
ICOM2, Bit 3
ICOM2, Bit 2
ICOM2, Bit 1
ICOM2, Bit 0
D2, Bit 7
D2, Bit 6
D2, Bit 5
D2, Bit 4
COMM5
R/W
D2, Bit 3
D2, Bit 2
D2, Bit 1
D2, Bit 0
FCOM2, Bit 3
FCOM2, Bit 2
FCOM2, Bit 1
FCOM2, Bit 0
Table 37. Write Codes for ICOMn, Bits[3:0] and FCOMn, Bits[3:0] on I2C Master
Control Bits
Code
Action
Description
ICOMn, Bits[3:0]
0110
Start
Generate a start signal on I2C port followed by a data transmission
0001
Stop
Generate a stop signal on I2C port
0000
Blank
Proceed directly to data transmission on I2C port
0111
No transmit
Release SDA and SCL and ignore the rest of the data
FCOMn, Bits[3:0]
0000
Master ACK
Master generates an ACK Signal on ninth clock cycle
1000
Master NACK
Master generates a NACK signal on ninth clock cycle
1001
Master NACK + stop
Master generates a NACK signal followed by a stop signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com