Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWZ Datasheet(PDF) 90 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 84Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 85Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 86Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 87Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 88Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 89Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 90Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 91Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Data Sheet
ADBMS1818
RELATED DEVICES
analog.com
Rev. B | 90 of 92
Table 77. Related Devices
Model
Description
Comments
LTC6811-1/LTC6811-2
4th generation 12-cell battery stack
monitor and balancing IC.
Measures cell voltages for up to 12 series battery cells. Daisy-chain capability allows multiple devices to be
connected to measure many battery cells simultaneously via the built-in 1 MHz, 2-wire isoSPI. Includes capability
for passive cell balancing.
LTC6820
isoSPI isolated communications
interface.
Provides an isolated interface for SPI communication up to 100 meters, using a twisted pair. Companion to the
LTC6804-1, LTC6806, LTC6811-1, LTC6812-1, LTC6813-1, and ADBMS1818.
LTC6812-1
4th generation 15-cell battery stack
monitor and balancing IC.
Measures cell voltages for up to 15 series battery cells. The isoSPI daisy-chain capability allows multiple devices
to be interconnected to measure many battery cells simultaneously. The isoSPI bus can operate up to 1 MHz and
can be operated bidirectionally for fault conditions, such as a broken wire or connector. Includes internal passive
cell balancing capability of up to 200 mA.
LTC6813-1
4th generation 18-cell battery stack
monitor and balancing IC.
Automotive/industry application, measures cell voltages for up to 18 series battery cells. The isoSPI daisy-chain
capability allows multiple devices to be interconnected to measure many battery cells simultaneously. The isoSPI
bus can operate up to 1 MHz and can be operated bidirectionally for fault conditions, such as a broken wire or
connector. Includes internal passive cell balancing capability of up to 200 mA with a wider temperature range
compared to the ADBMS1818.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com