Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP280 Datasheet(PDF) 28 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 28 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 32Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
28 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
GND
VDDIO
output driver (only for SDI)
SDI /SCL
high-z level shifter
GND
Figure 6: SDI/SCK ESD drawing
The 7-bit device address is 111011x. The 6 MSB bits are fixed. The last bit is changeable by SDO
value and can be changed during operation. Connecting SDO to GND results in slave address
1110110 (0x76); connection it to VDDIO results in slave address 1110111 (0x77), which is the same as
BMP180’s I²C address. The SDO pin cannot be left floating; if left floating, the I²C address will be
undefined.
The I²C interface uses the following pins:
•
SCK: serial clock (SCL)
•
SDI:
data (SDA)
•
SDO: Slave address LSB (GND = ‘0’, VDDIO = ‘1’)
CSB must be connected to VDDIO to select I²C interface. SDI is bi-directional with open drain to GND: it
must be externally connected to VDDIO via a pull up resistor. Refer to chapter 6 for connection
instructions.
The following abbreviations will be used in the I²C protocol figures:
•
S
Start
•
P
Stop
•
ACKS
Acknowledge by slave
•
ACKM
Acknowledge by master
•
NACKM
Not acknowledge by master
5.2.1
I²C write
Writing is done by sending the slave address in write mode (RW = ‘0’), resulting in slave address
111011X0 (‘X’ is determined by state of SDO pin. Then the master sends pairs of register addresses
and register data. The transaction is ended by a stop condition. This is depicted in Figure 7.
Start
RW ACKS
ACKS
ACKS
1
1
1
0
1
1
X
0
1
0
1
0
0
0
0
0
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
…
ACKS
ACKS Stop
…
1
0
1
0
0
0
0
1
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
Register data - address A0h
Register address (A0h)
Register address (A1h)
S
Slave Address
Control byte
Data byte
Control byte
Data byte
P
Register data - address A1h
Figure 7: I²C multiple byte write (not auto-incremented)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com