Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88780 Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780 Datasheet HTML 40Page - ASIX Electronics Corporation AX88780 Datasheet HTML 41Page - ASIX Electronics Corporation AX88780 Datasheet HTML 42Page - ASIX Electronics Corporation AX88780 Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
AX88780
39
ASIX ELECTRONICS CORPORATION
6.1.5 DC Characteristics of 3.3V IO Pins
Symbol
Description
Min
Typ
Max
Units
VCC3
Power supply of 3.3V IO
3.0
3.3
3.6
V
Vil
Input low voltage
-
-
0.8
V
Vih
Input high voltage
2.0
-
-
V
Vol
Output low voltage
-
-
0.4
V
Voh
Output high voltage
2.4
V
Rpu
Input pull-up resistance
40
75
190
K
Ω
Rpd
Input pull-down resistance
40
75
190
K
Ω
6.1.6 Transmission Characteristics
Symbol
Description
Conditions
Min.
Typ.
Max.
Units
Vpp
Peak-to-Peak differential output voltage
10BASE-T mode
4.5
5
5.5
V
2xVtxa
Peak-to-Peak differential output voltage, 2xVtxa
100BASE-TX
1.9
2
2.1
V
Tr/Tf
Signal rising/falling time
100BASE-TX
3
4
5
ns
Tjit
Output jitter
100BASE-TX
1.4
ns
Vtxov
Overshoot
100BASE-TX
5
%
6.1.7 Reception Characteristics
Symbol
Description
Conditions
Min.
Typ.
Max.
Units
Rimp
Reception impedance
5
Vsqu
Differential squelch voltage
10BASE-TX
300
400
500
mV
Vcom
Common mode input voltage
1.2
1.6
2
V
Lfree
Max error-free cable length
100
Meter
Figure 6: Transmit waveform specification
0V
Tr
10%
90%
+Vtxon
+Vtxa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com