Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88772 Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 6Page - ASIX Electronics Corporation AX88772 Datasheet HTML 7Page - ASIX Electronics Corporation AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation AX88772 Datasheet HTML 12Page - ASIX Electronics Corporation AX88772 Datasheet HTML 13Page - ASIX Electronics Corporation AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ASIX ELECTRONICS CORPORATION
10
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
3.0 Function Description
3.1 USB Core and Interface
The USB core and interface contains an USB 2.0 transceiver, serial interface engine (SIE), USB bus protocol
handshaking block, USB standard command, vendor command registers, logic for supporting bulk transfer, and interrupt
transfer, etc. The USB interface is used to communicate with USB host controller and is compliant with USB
specification V1.1 and V2.0.
3.2 10/100 Ethernet PHY
The 10/100 Fast Ethernet PHY is compliant with IEEE 802.3 and IEEE 802.3u standards. It contains an on-chip crystal
oscillator, PLL-based clock multiplier, digital phase-locked loop for data/timing recovery. It provides over-sampling
mixed-signal transmit drivers complying with 10/100BASE-TX transmit wave shaping / slew rate control requirements.
It has robust mixed-signal loop adaptive equalizer for receiving signal recovery. It contains baseline wander corrective
block to compensate data dependent offset due to AC coupling transformers. It supports auto-negotiation and has
multi-function LED outputs.
3.3 MAC Core
The MAC core supports 802.3 and 802.3u MAC sub-layer functions, such as basic MAC frame receive and transmit,
CRC checking and generation, filtering, forwarding, flow-control in full-duplex mode, and collision-detection and
handling in half-duplex mode, etc. It provides a media-independent interface (MII) for implementing Fast Ethernet and
HomePNA functions.
The MAC core interfaces to both external MII interface I/O pins and MII interface of the embedded 10/100 Ethernet
PHY. The selection between the two MII interfaces is done via USB vendor command, Software PHY Select register.
Figure 3 shows the datapath diagram of 10/100 Ethernet PHY and MII interface to MAC core.
Figure 3: Internal Datapath Diagram of 10/100 Ethernet PHY and MII Interface
3.4 Station Management (STA)
The station management interface provides a simple, two-wire, serial interface to connect to a managed PHY device for
the purposes of controlling the PHY and gathering status from the PHY. The station management interface allows
MAC
Core
10/100
Ethernet PHY
RX
TX
MII Interface I/O:
RX_CLK, RXD [3:0], RX_DV,
RX_ER, COL, CRS
TX_CLK, TXD [3:0], TX_EN, TX_ER
RXIP/RXIN
TXOP/TXON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com