Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9103 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 29Page - Analog Devices ADE9103 Datasheet HTML 30Page - Analog Devices ADE9103 Datasheet HTML 31Page - Analog Devices ADE9103 Datasheet HTML 32Page - Analog Devices ADE9103 Datasheet HTML 33Page - Analog Devices ADE9103 Datasheet HTML 34Page - Analog Devices ADE9103 Datasheet HTML 35Page - Analog Devices ADE9103 Datasheet HTML 36Page - Analog Devices ADE9103 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 33 of 55
Crystal Selection
A 16.384 MHz crystal with a critical transconductance, gmCRITICAL,
which is 5 times smaller than the minimum transconductance spec-
ification, gm, in Table 2 can be connected across the XTALIN
and XTALOUT pins to provide a clock source for the ADE9103/
ADE9112/ADE9113. The term gmCRITICAL is defined as the mini-
mum gain required to start the crystal oscillator circuit, expressed in
mA/V, and found with Equation 3.
gmCRITICAL=4×ESRMAX×1000
× 2π×fCLK2× C0+CL2
(3)
where:
ESRMAX is the maximum ESR, expressed in ohms.
fCLK is 16.384 MHz expressed in Hz as 16.384 x 106.
C0 is the maximum shunt capacitance, expressed in farads.
CL is the load capacitance, expressed in farads.
The figures ESRMAX, C0, and CL are provided by the manufacturer
of the crystal in the associated component data sheet. Crystals with
low ESR and smaller load capacitance have a lower gmCRITICAL and
are easier to drive.
Load Capacitor Calculation
Crystal manufacturers specify the combined load capacitance
across the crystal, CL. The capacitances across the crystal are
shown in Figure 43 can be described as follows:
CP1 and CP2: parasitic capacitances on the clock pins formed
due to printed circuit board (PCB) traces.
CIN1 and CIN2: internal capacitances of the XTALIN and XTAL-
OUT pins respectively and provided in Table 2.
C1 and C2: selected load capacitors to get the correct combined
CL for the crystal.
The combined load capacitance, CL, at the XTALIN and XTALOUT
pins is
CL= C1+CP1+CIN1×C2+CP2+CIN2
C1+CP1+CIN1+C2+CP2+CIN2
(4)
Keep the total capacitance on both the XTALIN pin and XTALOUT
pin equal. Layout the crystal circuitry such that CP1 = CP2. Select
load capacitors such that C1 = C2.
C1+CP1+CIN1=C2+CP2+CIN2
(5)
Using Equation 4 and Equation 5, the values of C1 and C2 can be
calculated.
POWER-UP AND INITIALIZATION
PROCEDURES
At power-up or after a hardware or software reset, the following
steps must be executed for a microcontroller managing a system
formed by one or multiple ADE9103 or ADE9112 or ADE9113
devices.
Power-Up Procedure for Systems with a Single
Device
For one standalone ADE9103/ADE9112/ADE9113 device managed
by a microcontroller and clocked by a crystal, the power-up proce-
dure is as follows (see Figure 44):
1. Connect a crystal between the XTALIN and XTALOUT pins with
appropriate load capacitance.
2. Supply VDD to the ADE9103/ADE9112/ADE9113 device. To
ensure that the ADE9103/ADE9112/ADE9113 device starts
functioning correctly, the supply must reach 3.3 V − 10% in less
than 16 ms from approximately a 2.5 V level. The ADE9103/
ADE9112/ADE9113 device then starts to function.
3. The DC-to-DC converter powers up and supplies the isolated
side of the ADE9112 and ADE9113. The Σ-Δ modulators then
become functional. This process takes approximately 62 ms
to execute when the recommended capacitors on the VDDISO,
ALDOOUT, and REFOUT pins described in Table 12 are used.
After this time, the isolated side of the ADE9112 and ADE9113
is fully functional. While the ADE9103 has no isolation and
is entirely powered by VDD, the power-up timing remains the
same.
4. To determine when the ADE9103/ADE9112/ADE9113 device is
ready to accept commands, read the STATUS0 register until Bit
5 (RESET_DONE) is set to 1, which happens approximately 32
ms after the ADE9103/ADE9112/ADE9113 start to function and
indicates that the nonisolated side of the ADE9103/ADE9112/
ADE9113 is fully functional and using the default settings.
5. Initialize the registers required.
6. Set the WR_LOCK register to 0xD4 to protect the user accessi-
ble and internal configuration registers. See the Protecting the
Integrity of Configuration Registers section.
7. When the ADC conversion data is available, the ADE9103/
ADE9112/ADE9113 set the STATUS0 register, Bit 4
(COMM_UP), and begin generating a signal that is active low
at the CLKOUT/DREADY pin for 256 XTALIN cycles (15.625 µs
for XTALIN = 16.384 MHz). DREADY functionality is enabled by
default at the CLKOUT/DREADY pin.
The microcontroller reads the I_WAV, V1_WAV V2_WAV, STATUS0,
and STATUS1 registers as well as the CRC of the response packet
during every long SPI transaction. For information on SPI burst
mode, see the SPI Long Format Operation section for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com