Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9103 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 37Page - Analog Devices ADE9103 Datasheet HTML 38Page - Analog Devices ADE9103 Datasheet HTML 39Page - Analog Devices ADE9103 Datasheet HTML 40Page - Analog Devices ADE9103 Datasheet HTML 41Page - Analog Devices ADE9103 Datasheet HTML 42Page - Analog Devices ADE9103 Datasheet HTML 43Page - Analog Devices ADE9103 Datasheet HTML 44Page - Analog Devices ADE9103 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 41 of 55
SPI Format Transitions
Using a dedicated SPI configuration, there are two SPI transaction
lengths: a long or short. Within every command packet, the length
of the following SPI transaction is defined as shown in Figure 47.
The main communicating with the ADE9103/ADE9112/ADE9113
must keep track of what size the following SPI transaction is to
output the appropriate number of SCLK pulses. A scenario during
which there are transitions between long and short is as follows:
1. The first successful command received by the microcontroller
unit (MCU) is long.
2. The MCU disables long.
3. The MCU performs all of its register initialization as short SPI
transactions.
4. At the last initialization command, long is enabled, and the MCU
waits for DREADY before reading the ADC samples.
Multiple Devices
Communicating with multiple ADE9103/ADE9112/ADE9113 can be
accomplished through two methods: daisy chain and dedicated SPI.
The method is determined by the hardware configuration of the
ADE9103/ADE9112/ADE9113 and requires no additional configura-
tion.
When using daisy chain, each SPI transaction must be exactly
128 bits multiplied by the number of connected ADE9103/ADE9112/
ADE9113 devices. The entire transaction is shifted through the
connected ADE9103/ADE9112/ADE9113 devices, and each device
only interprets the command packet, which is the last 32 bits of the
input on the MOSI data line at the instant that CS transition high.
Each ADE9103/ADE9112/ADE9113 produces a 128-bit response,
which is transmitted on MISO.
Daisy chain can consist between two and four ADE9112 and
ADE9113 devices. Devices are numbered for timing diagram pur-
poses, incrementing from zero from the main MOSI input. A generic
transaction with four ADE9103/ADE9112/ADE9113 devices can be
found in Figure 53.
While using the dedicated SPI method, each ADE9103/ADE9112/
ADE9113 has its own dedicated CS logic. All ADE9103/ADE9112/
ADE9113 devices share the MOSI and MISO data lines. Transac-
tions can be either short or long. Communication for each individual
ADE9103/ADE9112/ADE9113 functions the same way as when
only a single device is in use. A generic transaction with four
ADE9103/ADE9112/ADE9113 devices using dedicated SPI can be
found in Figure 54.
Figure 53. Multiple Devices - Daisy Chain
Figure 54. Multiple Devices - Dedicated SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com