Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9113 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE9113 Datasheet HTML 2Page - Analog Devices ADE9113 Datasheet HTML 3Page - Analog Devices ADE9113 Datasheet HTML 4Page - Analog Devices ADE9113 Datasheet HTML 5Page - Analog Devices ADE9113 Datasheet HTML 6Page - Analog Devices ADE9113 Datasheet HTML 7Page - Analog Devices ADE9113 Datasheet HTML 8Page - Analog Devices ADE9113 Datasheet HTML 9Page - Analog Devices ADE9113 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 6 of 55
VDD = 3.3 V ± 10%, AGND = 0 V, DGND = 0 V, on-chip reference, XTALIN = 16.384 MHz, TMIN to TMAX = −40°C to +125°C, and TA = 25°C
(typical), unless otherwise noted.
Table 2. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
ADE9112/ADE9113
Normal Operation
8
13
mA
Hold Reset Operation
9.5
12.5
μA
RESET pin held low
ADE9103
Normal Operation
3.4
4.1
mA
Hold Reset Operation
1.0
1.3
mA
RESET pin held low
VDDISO Pin for ADE9112/ADE9113 Only
2.05
V
Referenced to the GNDISO pin
INTERNAL VOLTAGE REFERENCE
Voltage Reference (VREF)
1.25
V
REFOUT pin
Temperature Coefficient
TA = −40°C to +125°C
ADE9112/ADE9113
12
23
ppm/°C
ADE9103
13
28
ppm/°C
LOW DROPOUT (LDO) REGULATOR
Generated internally, and external decoupling only
Analog LDO
1.8
V
±5%, ALDOOUT pin
Digital LDO
1.8
V
±5%, VLDOOUT pin
ZERO-CROSSING OUTPUT
Latency
80
µs
Jitter
30
µs
TEMPERATURE RANGE
Specified Performance
−40
+125
°C
ANALOG INPUTS
Differential Voltage Range
IP and IM Pins
−31.25
+31.25
mV
Differential Voltage Range
V1P and V1M Pins
−1000
+1000
mV
V2P and V2M Pins
−1000
+1000
mV
Single-Ended Voltage Range1
V1P and V1M Pins
−500
+500
mV
V2P and V2M Pins
−500
+500
mV
Maximum Voltage1 with Reference to DGND2 or
AGND3
IP and IM Pins
−40.625
+40.625
mV
V1P, V2P, V1M, and V2M Pins
−600
+600
mV
Crosstalk4
Aggressor channels at full scale. See Crosstalk section
V1 and V2 to I
−125
dB
V1 and I to V2
−125
dB
V2 and I to V1
−125
dB
Differential Input Impedance (DC)
IP and IM
2700
3900
V1P, V1M, V2P, and V2M
300
370
ADC Offset
See ADC Offset section
IP and IM
0.3
±10
µV
V1P, V1M, V2P, and V2M
−43
±160
µV
ADC Offset Drift
See ADC Offset Drift over Temperature section
IP and IM
2
41
nV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com