Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE9113 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE9113
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9113 Datasheet(HTML) 1 Page - Analog Devices

  ADE9113 Datasheet HTML 1Page - Analog Devices ADE9113 Datasheet HTML 2Page - Analog Devices ADE9113 Datasheet HTML 3Page - Analog Devices ADE9113 Datasheet HTML 4Page - Analog Devices ADE9113 Datasheet HTML 5Page - Analog Devices ADE9113 Datasheet HTML 6Page - Analog Devices ADE9113 Datasheet HTML 7Page - Analog Devices ADE9113 Datasheet HTML 8Page - Analog Devices ADE9113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
Isolated, Sigma-Delta ADCs with SPI
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
2 (ADE9112) or 3 (ADE9113) channel isolated, simultaneously
sampling Σ-Δ ADCs, with integrated isoPower, isolated dc-to-dc
converters
3 (ADE9103) channel nonisolated, simultaneously sampling Σ-Δ
ADCs
Synchronization of multiple ADE9103/ADE9112/ADE9113 devi-
ces
4-wire SPI with bidirectional CRC and daisy-chain functionality
Unique SPI readable part ID registers
Up to 4 ADE9103/ADE9112/ADE9113 devices clocked from a
single crystal or an external clock
IRQ hardware pin and registers for fault detection and robust-
ness
Sample rate up to 32 kSPS
SNR up to 95 dB
±31.25 mV peak analog input voltage range for current channel
±500 mV peak single-ended analog input voltage range for
voltage channels
Internal voltage reference temperature coefficient: <13 ppm/°C
typical
ADC offset drift: <2 nV/°C typical
Ideal for both AC and DC measurement systems
Single 3.3 V supply for isolated and nonisolated measurements
Compact 28-lead, wide-body with finer pitch SOIC package with
8.3 mm creepage
Temperature range: −40°C to +125°C
Passes CISPR 32 Class B RF Emissions
ADE9112 and ADE9113 safety and regulatory approvals
IEC 60747-17 certificate of conformity expected
5000 V RMS for 1 minute per UL 1577
IEC 61010-1 and IEC 62368-1
APPLICATIONS
Shunt-based polyphase meters
Electric vehicle supply equipment
DC meters
Power quality monitoring
Solar inverters
Process monitoring
Protective devices
Isolated sensor interfaces
GENERAL DESCRIPTION
The ADE9103/ADE9112/ADE9113 are precision simultaneously
sampling Σ-Δ analog-to-digital converters (ADCs) for both DC
and polyphase shunt-based energy metering applications. The
ADE91131 integrates safety certified signal and power galvanic
isolation with three simultaneously sampling fully differential 24-bit
Σ-Δ ADC channels. The ADE9112 features two fully differential Σ-Δ
ADC channels for isolated applications where only a single voltage
channel is required. The ADE9103 is a nonisolated, 3-channel Σ-Δ
ADC for use in applications where isolation is not required, such
as for neutral measurement. The ADE9103/ADE9112/ADE9113 all
include a high-gain, current channel well suited for use with a
shunt resistor as the current sensor. Multiple ADE9103/ADE9112/
ADE9113 devices can be synchronized to sample simultaneously
and provide coherent outputs.
The current channel ADC provides an 86 dBFS signal-to-noise
ratio (SNR), at a sample rate of 4 kSPS, over a 1.65 kHz signal
bandwidth and a typical gain drift of 13 ppm/°C, which enables
down to Class 0.2 accuracy. The voltage ADCs provide an SNR of
91 dBFS over the same sample rate and bandwidth. The high gain
on the current channel (IP and IM) aids the use of lower resistance
shunts for reduced losses due to heat. The low offset drift of 2
nV/°C offers the performance required for DC metering.
The ADE9103/ADE9112/ADE9113 delivers system cost savings
and increased robustness. The main ADE9103/ADE9112/ADE9113
can drive clocks of up to three additional ADE9103/ADE9112/
ADE9113 with a single crystal. The bidirectional, serial port inter-
face (SPI) supports a daisy-chain capability, allowing access to
all registers while reducing the required microcontroller pin count.
The 28-lead SOIC_W_FP allows more compact layouts. Valid data
transfers are ensured with bidirectional, cyclic redundancy check
(CRC) and IRQ pin alerts the system of critical faults. The ADE9112
and ADE9113 pass CISPR 32 Class B emissions on a 2-layer
printed circuit board (PCB) with the addition of a high voltage
capacitor and on a 4-layer PCB with an internal stitching capacitor.
Table 1. ADE9103/ADE9112/ADE9113 Product Comparison
Model
24-Bit Current
Measurement
Channel
24-Bit Voltage
Measurement
Channel
Integrated Safety
Isolation
ADE9103
Yes
2
No
ADE9112
Yes
1
Yes
ADE9113
Yes
2
Yes
1 Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,329; 6,262,600; 7,489,526; 7,558,080; 8,892,933; and 11,533,027. Other patents are pending.


Similar Part No. - ADE9113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
ADE9153AACPZ AD-ADE9153AACPZ Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
ADE9153AACPZ-RL AD-ADE9153AACPZ-RL Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
ADE9178 AD-ADE9178 Datasheet
2Mb / 122P
Energy Management DSP with PEN Fault Detection
Rev A 3/25
More results

Similar Description - ADE9113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
ADE7912 AD-ADE7912 Datasheet
949Kb / 44P
3-Channel, Isolated, Sigma-Delta ADC with SPI
REV. 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
ADE9322B AD-ADE9322B Datasheet
72Kb / 2P
mSure Enabled Sigma-Delta ADCs
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
ADE7912 AD-ADE7912_V01 Datasheet
885Kb / 41P
3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com