Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73 Datasheet(PDF) 5 Page - Matrix Technology Solutions Ltd

Part # PIC16F73
Description  This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MATRIX [Matrix Technology Solutions Ltd]
Direct Link  https://www.matrixtsl.com/
Logo MATRIX - Matrix Technology Solutions Ltd

PIC16F73 Datasheet(HTML) 5 Page - Matrix Technology Solutions Ltd

  PIC16F73 Datasheet HTML 1Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 2Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 3Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 4Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 5Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 6Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 7Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 8Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 9Page - Matrix Technology Solutions Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Copyright © 2014 Matrix Technology Solutions Ltd
Board layout
1
2
3
19
4
24
16
21
5
6
20
14
12
13
22
23
15
11
10
9
8
7
25
17
1. Power connector - either polarity 7.5 – 9V
2. USB connector
3. Reset switch
4. Port E I/O
5. Port A I/O
6. Port B I/O
7. Port C I/O
8. Port D I/O
9. PICkit ICSP Header
10. Removable crystal / oscillator pin assignment jumper
11. 2mm sockets for supplying power to downstream E-block
boards
12. Analogue switch to allow programming and debug pins
to be connected / disconnected from circuit
13. Power screw terminals
14. USB/ICSP programming selector
15. USB/PSU power selector
16. 5V voltage regulator
17. 3V3/5V VDD voltage selector
18. Bridge rectifier
19. 3V3 voltage regulator
20. SRAM storage IC
21. Status LEDs, Power, ICD, Test, Program
22. Powerful host microcontroller
23. Charge pump circuitry
24. Turned pin DIL socket for 18 pin PICmicro devices
25. Turned pin DIL socket for 28 and 40 pin PICmicro devices /
40 pin 16F1937 Target Microcontroller (supplied)
26. Turned pin DIL socket for 8, 14, 20 pin PICmicro devices
18
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com