Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73 Datasheet(PDF) 10 Page - Matrix Technology Solutions Ltd

Part # PIC16F73
Description  This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MATRIX [Matrix Technology Solutions Ltd]
Direct Link  https://www.matrixtsl.com/
Logo MATRIX - Matrix Technology Solutions Ltd

PIC16F73 Datasheet(HTML) 10 Page - Matrix Technology Solutions Ltd

Back Button PIC16F73 Datasheet HTML 5Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 6Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 7Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 8Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 9Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 10Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 11Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 12Page - Matrix Technology Solutions Ltd PIC16F73 Datasheet HTML 13Page - Matrix Technology Solutions Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Copyright © 2014 Matrix Technology Solutions Ltd
Bus name
40 pin
J5 IDC connec-
tor
J24 IDC con-
nector
Vpp/MCLR
1
1
2
VCCchip
11& 32
18 & 21
21,22
GND
12 & 31
20 & 23
5
OCS1
13
25
26, 25
OCS2
14
27
28, 27
RA0/AN0
2
3
4
RA1/AN1
3
5
6
RA2
4
7
8
RA3/AN3
5
9
10
RA4/AN4
6
11
12
RA5
7
13
14
RB0
33
16
RB1
34
14
RB2
35
12
RB3
36
10
35
RB4
37
8
RB5
38
6
RB6
39
4
37
RB7
40
2
39
RC0
15
29
30
RC1
16
31
32
RC2
17
33
34
RC3
18
35
36
RC4
23
36
RC5
24
34
RC6
25
32
RC7
26
30
RD0
19
37
38
RD1
20
39
40
RD2
21
40
RD3
22
38
RD4
27
28
RD5
28
26
RD6
29
24
RD7
30
22
RE0/AN5
8
15
16
RE1/AN6
9
17
18
RE2/AN7
10
19
20
2. Connections on the IDC expansion connectors
Note: J5 is set to copy the 40-way DIL socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com