Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB2H100H Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSB2H100H
Description  2A, 100V Schottky Barrier Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSB2H100H Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSB2H100H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSB2H100H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSB2H100H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSB2H100H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SSB2H100H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SSB2H100H Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSB2H100H
Taiwan Semiconductor
1
Version: A2504
2A, 100V Schottky Barrier Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Low power loss, high efficiency
● Ideal for automated placement
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Low voltage, high frequency
● DC/DC converter
● Freewheeling diodes
● Reverse battery protection
● Car lighting
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.09g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
2
A
VRRM
100
V
IFSM
70
A
TJ MAX
175
°C
Package
DO-214AA (SMB)
Configuration
Single die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage, total rms value
VR(RMS)
70
V
Forward current
IF
2
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
70
A
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - SSB2H100H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSB2H40H TSC-SSB2H40H Datasheet
451Kb / 6P
2A, 40V Schottky Barrier Surface Mount Rectifier
Version: A2504
SSB2H60H TSC-SSB2H60H Datasheet
451Kb / 6P
2A, 60V Schottky Barrier Surface Mount Rectifier
Version: A2504
More results

Similar Description - SSB2H100H

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
SK34A-T TSC-SK34A-T Datasheet
379Kb / 6P
3A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
PFC Device Inc.
PTA2L100 PFC-PTA2L100 Datasheet
561Kb / 5P
2A 100V HPTR짰 Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com