Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9256AFG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 9Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 10Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
7
Serial Transfer Format
The serial transfer format consists of 8 address bits and 24 data bits (Figure 1). Addresses D0H to D3H are
used.
• Serial data transfer
Serial data are transferred in sync with the clock signal. In the idle state, the PERIOD, CLOCK and DATA
pin lines are all set to “H” level. When the period signal is at “L” level, serial data transfer starts at the falling
edge of the clock signal. Data transfer ends when the period signal is set to “L” level while the clock signal is
at “H” level. Once serial data transfer has begun, however, no more than 8 falls of the clock signal can occur
during the time the period signal is at “L” level.
Since the receiving side receives the serial data as valid data at the rising edge of the clock signal, it is
effective for the sending side to produce output in sync with the falling edge of the clock signal.
To receive serial data from the output registers (D1H, D3H), set the serial data output to high impedance
after the 8-bit address is output but before the next falling edge of the clock signal.
Data reception subsequently continues until the period signal becomes “L” level; data transfer ends just
before the rising edge of the period signal. Therefore, the data pin must have an open-drain or tristate
interface.
Note 1: When power is turned on, some internal circuits have undefined states. To set the internal circuit state,
execute a dummy data transfer before performing regular data transfer.
Note 2: Times t1 to t8 have the following values:
t1 >
= 1.0 µs
t2 >
= 1.0 µs
t3 >
= 0.3 µs
t4 >
= 0.3 µs
t5 >
= 0.3 µs
t6 >
= 1.0 µs
t7 >
= 1.0 µs
t8 >
= 0.3 µs
Note 3: Asterisks represent numbers taken from addresses, as in D*H.
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com