Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

040-4635 Datasheet(PDF) 9 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 9 Page - Elma Electronic Ltd

Back Button 040-4635 Datasheet HTML 5Page - Elma Electronic Ltd 040-4635 Datasheet HTML 6Page - Elma Electronic Ltd 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd 040-4635 Datasheet HTML 10Page - Elma Electronic Ltd 040-4635 Datasheet HTML 11Page - Elma Electronic Ltd 040-4635 Datasheet HTML 12Page - Elma Electronic Ltd 040-4635 Datasheet HTML 13Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
42
Marking
Surface
grey
black
red
blue
yellow
green
2
040-5015
040-5025
040-5035
040-5045
040-5055
040-5065
3
040-5010
040-5020
040-5030
040-5040
040-5050
040-5060
1/8”
040-5615
040-5625
040-5635
040-5645
040-5655
040-5665
2
040-5610
040-5620
040-5630
040-5640
040-5650
040-5660
with line
without line
Knob ø 28 mm
packing unit: 100 pieces
17.5
18.5
10
3.3
Knob
Wing knob
4.3
1.3
Cap
packing unit: 100 pieces
Surface
grey
black
red
blue
yellow
green
matt
041-5015
041-5025
041-5035
041-5045
041-5055
041-5065
glossy
041-5010
041-5020
041-5030
041-5040
041-5050
041-5060
ø 28
1.1
Pointer
packing unit: 100 pieces
packing unit: 100 pieces
ø28
4.5
Marking
d
ø
grey
black
matt
glossy
matt
glossy
4,05
6
020-5415
020-5410
020-5425
020-5420
3,2
1/4"
020-5515
020-5510
020-5525
020-5520
4,05
6
021-5415
021-5410
021-5425
021-5420
3,2
1/4"
021-5515
021-5510
021-5525
021-5520
without line
with line
Marking
d
ø
grey
black
matt
glossy
matt
glossy
4,05
6
022-5415
022-5410
022-5425
022-5420
3,2
1/4"
022-5515
022-5510
022-5525
022-5520
4,05
6
023-5415
023-5410
023-5425
023-5420
3,2
1/4"
023-5515
023-5510
023-5525
023-5520
with line
without line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com