Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

040-4635 Datasheet(PDF) 10 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 10 Page - Elma Electronic Ltd

Back Button 040-4635 Datasheet HTML 6Page - Elma Electronic Ltd 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd 040-4635 Datasheet HTML 10Page - Elma Electronic Ltd 040-4635 Datasheet HTML 11Page - Elma Electronic Ltd 040-4635 Datasheet HTML 12Page - Elma Electronic Ltd 040-4635 Datasheet HTML 13Page - Elma Electronic Ltd 040-4635 Datasheet HTML 14Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
43
Marking
ø 44 mm
042-5000 042-5100 042-5200 042-5700 042-5900 042-5901 042-5800 042-5802
ø 53 mm
042-5020
ø 63 mm
042-5030
ø 20.5
ø44
ø44
7.5
ø 13.7
ø2
ø 10.2
Marking
Pointer dial
Stator
packing unit: 100 pieces
packing unit: 100 pieces
packing unit: 100 pieces
Figure dial (same dimension as pointer dial)
–
–
30
°
0–11
0
1
11
30
°
1–12
1
2
12
15
°
0–23
0
1
2
3
22
23
15
°
1–24
1
2
3
4
23
24
–
–
–
–
Marking
Surface
grey
black
red
matt
042-5915
042-5925
042-5935
glossy
042-5910
042-5920
042-5930
with line, grey:
glossy
30° black:
glossy
15° black:
glossy
043-5110
043-5220
043-5230
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com