Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4100H Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4100H
Description  100MHz HCSL Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4100H Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4100H Datasheet HTML 1Page - Maxim Integrated Products DS4100H Datasheet HTML 2Page - Maxim Integrated Products DS4100H Datasheet HTML 3Page - Maxim Integrated Products DS4100H Datasheet HTML 4Page - Maxim Integrated Products DS4100H Datasheet HTML 5Page - Maxim Integrated Products DS4100H Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The DS4100H is a low-jitter 100MHz clock generator
with a high-speed current steering logic (HCSL) output.
It combines an AT-cut crystal, an oscillator, and a low-
noise phase-locked loop (PLL) in a 5mm by 3.2mm
ceramic package. Typical phase jitter is 0.9psRMS from
12kHz to 20MHz. The device operates from a single
+3.3V supply.
Applications
PCI Express®
Features
♦ 100MHz Output Frequency
♦ 3.3V ±5% Operating Voltage
♦ HCSL Output
♦ Phase Jitter (RMS): 0.9ps Typical
♦ ±39ppm Frequency Stability Over Voltage,
Temperature, 10 Years of Aging
♦ Output-Enable (OE) Control Input
♦ 5mm x 3.2mm x 1.49mm Ceramic Package (LCCC)
♦ Pb Free/RoHS Compliant
100MHz HCSL Clock Generator
________________________________________________________________
Maxim Integrated Products
1
1
2
3
6
5
4
TOP VIEW
OE
RREF
N.C.
*EP
*EXPOSED PAD
N.C.
N.C.
N.C.
GND
VCC
OUTN
OUTP
+
(5.00mm
× 3.20mm × 1.49mm)
DS4100H
Pin Configuration
Ordering Information
3.3V
VCC
GND
OE
OUTP
OUTN
RREF
DS4100H
RS
RS
475
Ω
±1%
RT
RT
PCI Express
LOAD OR
CONNECTOR
Typical Operating Circuit
Rev 0; 11/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free package. The lead finish is JESD97
category e4 (Au over Ni) and is compatible with both lead-based
and lead-free soldering processes.
PCI Express is a registered trademark of PCI-SIG Corp.
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
DS4100H+
-40
°C to +85°C
10 LCCC
10H


Similar Part No. - DS4100H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
134Kb / 7P
100MHz HCSL Clock Oscillator
Rev 1; 4/08
DS4100H+ MAXIM-DS4100H+ Datasheet
134Kb / 7P
100MHz HCSL Clock Oscillator
Rev 1; 4/08
DS4100H MAXIM-DS4100H_V01 Datasheet
134Kb / 7P
100MHz HCSL Clock Oscillator
Rev 1; 4/08
More results

Similar Description - DS4100H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
HCSL Clock Generator
October, 2013 ??Rev. 6
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
Dual HCSL Clock Generator
July, 2016 ??Rev. 10
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
HCSL/ LVCMOS Clock Generator
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
HCSL Clock Generator
May, 2017 ??Rev. 7
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
HCSL/ LVCMOS Clock Generator
January 7, 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com