Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4100H Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4100H
Description  100MHz HCSL Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4100H Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4100H Datasheet HTML 1Page - Maxim Integrated Products DS4100H Datasheet HTML 2Page - Maxim Integrated Products DS4100H Datasheet HTML 3Page - Maxim Integrated Products DS4100H Datasheet HTML 4Page - Maxim Integrated Products DS4100H Datasheet HTML 5Page - Maxim Integrated Products DS4100H Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
100MHz HCSL Clock Generator
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-10
-5
0
5
10
15
-15
-40
80
CLOCK OUTPUT vs. SUPPLY VOLTAGE
VCC (V)
3.410
3.355
3.190
3.245
3.300
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
-1.0
3.135
3.465
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
3.410
3.355
3.300
3.245
3.190
55.0
60.0
65.0
70.0
75.0
50.0
3.135
3.465
DS4100H
OSCILLATOR
AMPLIFIER
LOOP
FILTER
COUNTER
N
VCC
OE
RREF
OUTP
OUTN
COUNTER
M
OUTPUT
BUFFER
CURRENT
ADJUST
PFD
VCO
GND
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com