Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P240 Datasheet(PDF) 73 Page - Altera Corporation

Part # P240
Description  Cyclone III Device Handbook
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P240 Datasheet(HTML) 73 Page - Altera Corporation

Back Button P240 Datasheet HTML 69Page - Altera Corporation P240 Datasheet HTML 70Page - Altera Corporation P240 Datasheet HTML 71Page - Altera Corporation P240 Datasheet HTML 72Page - Altera Corporation P240 Datasheet HTML 73Page - Altera Corporation P240 Datasheet HTML 74Page - Altera Corporation P240 Datasheet HTML 75Page - Altera Corporation P240 Datasheet HTML 76Page - Altera Corporation P240 Datasheet HTML 77Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 348 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–13
Clock Feedback Modes
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
No Compensation Mode
In no compensation mode, the PLL does not compensate for any clock networks. This
provides better jitter performance because clock feedback into the PFD does not pass
through as much circuitry. Both the PLL internal and external clock outputs are
phase-shifted with respect to the PLL clock input.
Figure 5–9 shows a waveform example of the phase relationship of the PLL clock in
this mode.
Normal Mode
An internal clock in normal mode is phase-aligned to the input clock pin. The external
clock output pin has a phase delay relative to the clock input pin if connected in this
mode. The Quartus II software timing analyzer reports any phase difference between
the two. In normal mode, the PLL fully compensates the delay introduced by the
GCLK network.
Figure 5–9. Phase Relationship Between PLL Clocks in No Compensation Mode
Notes to Figure 5–9:
(1) Internal clocks fed by the PLL are phase-aligned to each other.
(2) The PLL clock outputs can lead or lag the PLL input clocks.
PLL Reference
Clock at the Input Pin
PLL Clock at the
Register Clock Port
(1), (2)
External PLL Clock
Outputs
(2)
Phase Aligned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com