Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2354MFKB Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2354MFKB
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2354MFKB Datasheet(HTML) 4 Page - Texas Instruments

  TLV2354MFKB Datasheet HTML 1Page - Texas Instruments TLV2354MFKB Datasheet HTML 2Page - Texas Instruments TLV2354MFKB Datasheet HTML 3Page - Texas Instruments TLV2354MFKB Datasheet HTML 4Page - Texas Instruments TLV2354MFKB Datasheet HTML 5Page - Texas Instruments TLV2354MFKB Datasheet HTML 6Page - Texas Instruments TLV2354MFKB Datasheet HTML 7Page - Texas Instruments TLV2354MFKB Datasheet HTML 8Page - Texas Instruments TLV2354MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012C – MAY 1992 – REVISED AUGUST 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2354Y chip information
This chip, when properly assembled, displays characteristics similar to the TLV2354. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. This chip may be mounted with
conductive epoxy or a gold-silicon preform.
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (11) INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
–
OUT
IN +
IN –
VDD
GND
(10)
(7)
(6)
(11)
(1)
–
+
(13)
IN +
IN –
OUT
(12)
(4)
(5)
–
+
(2)
+
–
(9)
(8)
(14)
OUT
IN +
IN –
OUT
IN +
IN –
(3)
BONDING PAD ASSIGNMENTS
65
90
(13)
(1)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(14)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com