Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2354MFKB Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV2354MFKB
Description  LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2354MFKB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2354MFKB Datasheet HTML 9Page - Texas Instruments TLV2354MFKB Datasheet HTML 10Page - Texas Instruments TLV2354MFKB Datasheet HTML 11Page - Texas Instruments TLV2354MFKB Datasheet HTML 12Page - Texas Instruments TLV2354MFKB Datasheet HTML 13Page - Texas Instruments TLV2354MFKB Datasheet HTML 14Page - Texas Instruments TLV2354MFKB Datasheet HTML 15Page - Texas Instruments TLV2354MFKB Datasheet HTML 16Page - Texas Instruments TLV2354MFKB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLV2354, TLV2354Y
LinCMOS
™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS012C – MAY 1992 – REVISED AUGUST 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Propagation delay time is defined as the interval between the application of an input step function and the instant when
the output crosses VO = 1 V with VDD = 3 V or when the output crosses VO = 1.4 V with VDD = 5 V. Propagation delay
time, low-to-high-level output, is measured from the leading edge of the input pulse, while propagation delay time,
high-to-low-level output, is measured from the trailing edge of the input pulse. Propagation-delay-time measurement
at low input signal levels can be greatly affected by the input offset voltage. The offset voltage should be balanced
by the adjustment at the inverting input (as shown in Figure 11) so that the circuit is just at the transition point. Then
a low signal, for example a 105-mV or 5-mV overdrive, causes the output to change state.
+
–
DUT
VDD
CL
(see Note A)
Pulse
Generator
10
Ω
10 Turn
+ 1 V
– 1 V
1 k
Ω
50
Ω
1
µF
0.1
µF
TEST CIRCUIT
100 mV
Input
Overdrive
tPLH
100 mV
Input
Overdrive
90%
10%
tf
tPHL
Low- to High-
Level Output
High- to Low-
Level Output
VOLTAGE WAVEFORMS
5.1 k
Ω
Input Offset Voltage
Compensation
Adjustment
90%
10%
tr
VO = 1 V With VDD = 3 V
or
VO = 1.4 V With VDD = 5 V
NOTE A: CL includes probe and jig capacitance.
Figure 11. Propagation Delay, Rise, and Fall Times Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com