Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM9503AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM9503AV
Description  Radio Controlled Clock Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9503AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM9503AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SM9503A
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT (CF9503A)
(Unit:
µm)
PAD NAME and DIMENSIONS (CF9503A)
Chip size: 1.43
× 2.36mm
Chip thickness: 300 ± 30µm
PAD size: 100µm
× 100µm
Chip base: VSS
Pad number
Pad name
Pad dimensions [µm]
XY
1
XI
170
280.6
2
LF
447.5
220
3
CB
1230
274.2
4
CP
1230
543.2
5
HLDN
1230
823.4
6
VSS
1230
1042
7
OUT
1230
1266.2
8
PON
1230
1535.2
9
VDD
1230
1759.4
10
VDDA
1259.4
2110
11
IN2
908.4
2110
12
NC
170
2055.8
13
IN1
170
1786.8
14
NC
170
1506.6
15
VSSA
170
1276
16
XO1
170
829.8
17
XO2
170
560.8
NC
VDDA
PON
(0,0)
(1430,2360)
DA9503
NPC
5
4
13
14
17
16
2
3
1
10
11
12
OUT
VSS
HLDN
CP
CB
IN1
IN2
XO1
VSSA
XI
VDD
6
7
8
9
15
LF
NC
XO2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com