Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM9503AV Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM9503AV
Description  Radio Controlled Clock Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9503AV Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM9503AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SM9503A
NIPPON PRECISION CIRCUITS INC.—5
Electrical Characteristics
VDD = 1.2 to 3.6V, VSS = 0V, Ta = −20 to 70°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
1.2
–
3.6
V
Maximum operating current
consumption1
1. Measured using the standard circuit.
IDDM
VDD = 1.5V, Ta = 25°C, no input signal,
PON: VSS, OUT: Open
–50
80
µA
Normal operating current
consumption1
IDDT
VDD = 1.5V, Ta = 25°C,
0.1mVrms input amplitude (differential
input),
500ms pulsewidth, PON: VSS, OUT: Open
–36–
µA
Standby mode current consumption
IST
PON, HLDN: VDD or Open
–
–
0.1
µA
Minimum input voltage range
VFMIN
IN1
−IN2 differential input, FIN = 60kHz
–
0.3
1.0
µVrms
Maximum input voltage range
VFMAX
IN1
−IN2 differential input, FIN = 60kHz
80
–
–
mVrms
Input frequency
FIN
IN1
−IN2 differential input
35
–
80
kHz
Startup time2
2. The time taken under stable wave input conditions from when power is applied or standby is released, using PON, until stable digital output occurs
within ratings.
tON
When supply is applied
–
–
8
sec
Startup time (PON)2
tPON
From standby mode
–
–
8
sec
Input voltage
VIL
PON, HLDN
–
–
0.2
V
VIH
PON, HLDN
VDD – 0.2
–
–
V
Input current
IIL
VIN = 0V, PON, HLDN
−1–
–
µA
IIH
VIN = VDD, PON, HLDN
–
–
1
µA
Output voltage
VOL
IOL = 5µA, OUT
–
–
0.2
V
VOH
IOH = − 5µA, OUT
VDD – 0.2
–
–
V
Gain hold time
tHLD
≤ ± 3dB variation
1
–
–
sec
Fall time output propagation delay3
3. The time taken, with 10:1 input signal amplitude ratio and 500ms pulsewidth, from when a change in signal input occurs until the output OUT
changes. Note that this characteristic is very dependent on the antenna and crystal filter characteristics. The standard crystal used here has the fol-
lowing equivalent circuit coefficients.
tDN
FIN = 60kHz, NPC standard crystal,
NPC standard jig
–
–
160
ms
Rise time output propagation delay3
tUP
–
–
200
ms
LOW-level output pulsewidth4
(200ms)
4. Values obtained when using the NPC standard crystal employed here. Note that these values are dependent on the crystal characteristics, and
should be considered as reference values.
T200
100
200
300
ms
LOW-level output pulsewidth4
(500ms)
T500
400
500
650
ms
LOW-level output pulsewidth4
(800ms)
T800
TBD
800
TBD
ms
LOW-level output pulsewidth4
(900ms)
T900
TBD
900
TBD
ms
Noise rejection ratio5
5. Time averaged rms values, where the noise is white noise and the measurement bandwidth is determined by the crystal filter equivalent used in the
standard circuit.
S/N
––9
dB
f [kHz]
L1 [kH]
C1 [fF]
R1 [k
Ω]C0 [pF]
60
TBD
TBD
TBD
TBD
L1
C0
R1
C1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com