Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4682 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 38Page - Analog Devices LTM4682 Datasheet HTML 39Page - Analog Devices LTM4682 Datasheet HTML 40Page - Analog Devices LTM4682 Datasheet HTML 41Page - Analog Devices LTM4682 Datasheet HTML 42Page - Analog Devices LTM4682 Datasheet HTML 43Page - Analog Devices LTM4682 Datasheet HTML 44Page - Analog Devices LTM4682 Datasheet HTML 45Page - Analog Devices LTM4682 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 130 page
background image
LTM4682
42
Rev. A
For more information www.analog.com
OPERATION
Output Undervoltage Response
The response to an undervoltage comparator output can
be the following:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY.
The UV responses can be deglitched. See Table 18.
Peak Output Overcurrent Fault Response
Due to the current mode control algorithm, peak output cur-
rent across the inductor is always limited on a cycle-by-cycle
basis. The value of the peak current limit is specified in the
Electrical Characteristics table. The current limit circuit oper-
ates by limiting the COMPn maximum voltage. Since internal
DCR sensing is used, the COMPn maximum voltage has a
temperature dependency directly proportional to the TC of
the DCR of the inductor. The LTM4682 automatically monitors
the external temperature sensors and modifies the maximum
allowed COMPn to compensate for this term. The IOUT_OC_
FAULT_LIMIT section provides data points for IOUT Limiting,
see IOUT_OC_FAULT_LIMIT.
The overcurrent fault processing circuitry can execute the
following behaviors.
n
Current Limit Indefinitely
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY.
The overcurrent responses can be deglitched in incre-
ments of (0-7) • 16ms. See Table 19.
RESPONSES TO TIMING FAULTS
TON_MAX_FAULT_LIMIT is the time allowed for VOUT
to rise and settle at start-up. The TON_MAX_FAULT_
LIMIT condition is predicated upon detecting the
VOUT_UV_FAULT_LIMIT as the output is undergoing a
SOFT_START sequence. The TON_MAX_FAULT_LIMIT
time is started after TON_DELAY has been reached and
a SOFT_START sequence is started. The resolution of
the TON_MAX_FAULT_LIMIT is 10µs. If the VOUT_
UV_FAULT_LIMIT is not reached within the TON_MAX_
FAULT_LIMIT time, the response of this fault is determined
by the value of the TON_MAX_FAULT_RESPONSE com-
mand value. This response may be one of the following.
n
Ignore
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY.
This fault response is not deglitched. A value of 0 in
TON_MAX_FAULT_LIMIT means the fault is ignored.
The TON_MAX_FAULT_LIMIT should be set longer than
the TON_RISE time. It is recommended that TON_MAX_
FAULT_LIMIT always be set to a non-zero value, other-
wise the output may never come up, and no flag will be
set to the user. See Table 21.
RESPONSES TO VIN OV FAULTS
VIN overvoltage is measured with the ADC. The response
is naturally deglitched by the 100ms typical response time
of the ADC. The fault responses include the following.
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY. See
Table 21.
RESPONSES TO OT/UT FAULTS
Internal Overtemperature Fault Response
An internal temperature sensor protects against NVM dam-
age. Above 85°C, no writes to NVM are recommended.
Above 130°C, the internal overtemperature warns thresh-
old is exceeded and the part disables the NVM, and does
not re-enable until the temperature has dropped to 125°C.
When the die temperature exceeds 160°C, the internal
temperature fault response is enabled, and the PWM is
disabled until the die temperature drops below 150°C.
Temperature is measured by the ADC. Internal tempera-
ture faults cannot be ignored. Internal temperature limits
cannot be adjusted by the user. See Table 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com