Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4682 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 2 Page - Analog Devices

  LTM4682 Datasheet HTML 1Page - Analog Devices LTM4682 Datasheet HTML 2Page - Analog Devices LTM4682 Datasheet HTML 3Page - Analog Devices LTM4682 Datasheet HTML 4Page - Analog Devices LTM4682 Datasheet HTML 5Page - Analog Devices LTM4682 Datasheet HTML 6Page - Analog Devices LTM4682 Datasheet HTML 7Page - Analog Devices LTM4682 Datasheet HTML 8Page - Analog Devices LTM4682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
LTM4682
2
Rev. A
For more information www.analog.com
TABLE OF CONTENTS
Features..................................................... 1
Applications ................................................ 1
Typical Application ........................................ 1
Description.................................................. 1
Absolute Maximum Ratings.............................. 4
Order Information.......................................... 4
Pin Configuration .......................................... 4
Electrical Characteristics................................. 5
Typical Performance Characteristics ..................12
Pin Functions ..............................................15
Simplified Block Diagram ...............................23
Decoupling Requirements...............................23
Functional Diagram ......................................24
Test Circuits ...............................................25
Operation...................................................27
Power Module Introduction ....................................27
Power Module Overview, Major Features................27
EEPROM with ECC..................................................28
Power-Up and Initialization .....................................29
Soft-Start................................................................30
Time-Based Sequencing .........................................30
Voltage-Based Sequencing .....................................31
Shutdown ...............................................................31
Light-Load Current Operation .................................31
Switching Frequency and Phase .............................32
PWM Loop Compensation......................................32
Output Voltage Sensing ..........................................32
INTVCC/VBIAS Power...............................................32
Output Current Sensing and Sub Milliohm DCR
Current Sensing......................................................33
Input Current Sensing.............................................33
PolyPhase Load Sharing.........................................33
Internal Temperature Sense....................................34
RCONFIG (Resistor Configuration) Pins..................34
Table 1. VOUTn_CFG Pin Strapping Look-Up Table
for the LTM4682’s Output Voltage, Coarse Setting
(Not Applicable if MFR_CONFIG_ALL[6] = 1b) Top
Resistor = 14.3k......................................................35
Table 2. VTRIMn_CFG Pin Strapping Look-Up Table
for the LTM4682’s Output Voltage, Fine Adjustment
Setting (Not Applicable if MFR_CONFIG_ALL[6] =
1b) Top Resistor = 14.3k .........................................35
Table 3. FSWPH_nn_CFG Pin Strapping Look-Up
Table to Set the LTM4682’s Switching Frequency and
Channel Phase-Interleaving Angle (Not Applicable if
MFR_CONFIG_ALL[6] = 1b), nn = 01 or 23 Channels,
Set Top Resistor to 14.3k........................................36
Table 4. ASEL_nn Pin Strapping Look-Up Table to Set
the LTM4682’s Subordinate Address (Applicable
Regardless of MFR_CONFIG_ALL[6] Setting) ........37
Table 5. LTM4682 MFR_ADDRESS Command
Examples Expressed in 7- and 8-Bit Addressing.....37
Fault Detection and Handling..................................37
Status Registers and ALERT Masking .......................38
Figure 5. LTM4682 Status Register Summary per
Controller................................................................39
Mapping Faults to FAULTn Pins.................................40
Power Good Pins ......................................................40
CRC Protection .........................................................40
Serial Interface .......................................................40
Communication Protection .......................................40
Device Addressing..................................................40
Responses to VOUT and IIN/IOUT Faults ...................41
Output Overvoltage Fault Response.......................... 41
Output Undervoltage Response ................................42
Peak Output Overcurrent Fault Response .................42
Responses to Timing Faults....................................42
Responses to VIN OV Faults....................................42
Responses to OT/UT Faults.....................................42
Internal Overtemperature Fault Response.................42
Overtemperature and Undertemperature
Fault Response .......................................................43
Responses to Input Overcurrent and Output
Undercurrent Faults ................................................43
Responses to External Faults..................................43
Fault Logging..........................................................43
Bus Timeout Protection ..........................................43
Similarity Between PMBus, SMBus and I2C 2-Wire
Interface .................................................................44
PMBus Serial Digital Interface ................................44
Table 6. Abbreviations of Supported Data Formats...45
Figure 6. PMBus Timing Diagram .............................45
Figure 7 to Figure 24 PMBus Protocols ..................46
PMBus Command Summary ............................49
PMBus Commands .................................................49
Table 7. PMBus Commands Summary (Note: The Data
Format Abbreviations Are Detailed in Table 8)........49
Table 8. Data Format Abbreviations ..........................54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com