Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6527 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6527 Datasheet HTML 1Page - Monolithic Power Systems MP6527 Datasheet HTML 2Page - Monolithic Power Systems MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
3
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP6527GF
TSSOP-28EP
See Below
2A
* For Tape & Reel, add suffix -Z (e.g. MP6527GF-Z).
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP6527: Part number
LLLLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
NC
NC
GND
OUT5
OUT1
DI
OUT7
NC
OUT6
OUT4
DO
EN
GND
OUT9
VCC
Exposed Pad
On Bottom
GND
OUT2
OUT8
VS1
CLK
CS
TEST
TEST
VS2
OUT10
OUT3
NC
GND
TSSOP-28EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com