Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6527 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 2Page - Monolithic Power Systems MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems MP6527 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
6
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
5.5V ≤ VVS ≤ 40V, 3.15V ≤ VVCC ≤ 5.25V, EN = VVCC, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VS supply current
IVS
VVS < 28V, EN = VCC,
no load
5.5
6.5
mA
VCC supply current
IVCC
3.15V < VVCC < 5.25V, EN = high,
DI = CLK = low, CS = high, no load
100
150
μA
VS quiescent current
IQ_VS
VVS = 13.2V, VVCC = 0V or VVCC = 5V,
EN = low
1
5
μA
VCC quiescent current
IQ_VCC
3.15V < VVCC < 5.25V, EN = low,
DI = CLK = low, CS = high
1
5
μA
VS discharge current
IVS_
DISCHARGE
VVS = 40V, EN = low
3
mA
Start-up reset threshold
VVCC
VCC increasing
2.3
2.7
3
V
Start-up reset delay
After switching on VVCC
30
100
160
μs
VS under-voltage lockout
(UVLO) threshold
VUVLO_VS
VS decreasing
3.5
4.5
V
VS UVLO threshold
hysteresis
VUVOFF
0.1
0.3
0.5
V
VS UVLO delay time
7
21
ms
VS over-voltage lockout
(OVLO) threshold
VOVLO_VS OVLO = 1, VS increasing
33
36
39
V
VS OVLO threshold
hysteresis
1
2.5
4
V
Output Specifications
HS-FET and LS-FET on
resistance
RDS(ON)
1.3
1.6
Ω
Over-current (OC) limit
IOCP
VVS = 13.2V
1
1.3
2.5
A
OC shutdown delay time
tdOC
10
25
50
μs
Open-load detection
(OLD) current
IOLD
VVS = 13.2V, LS-FET is on
1
16
45
mA
OLD delay time
tDELAY_OLD
200
350
600
μs
Output enable time
VVS = 13.2V, RLOAD
= 50Ω
50
65
μs
Output disable time
50
65
Delay time
HBCNFx high to OUTx high,
VVS = 13.2V, RLOAD
= 50Ω
75
105
HBCNFx low to OUTx low,
VVS = 13.2V, RLOAD
= 50Ω
65
95
Output rise time
VVS = 13.2V, 10% to 90% VOUT,
RLOAD
= 50Ω
13
27
42
μs
Output fall time
11
20
27
μs
Dead time
VVS = 13V, RLOAD
= 50Ω
1.5
μs
Enable (EN) Input
EN low threshold
0.6
V
EN high threshold
2
V
EN threshold hysteresis
0.4
V
Pull-down resistor
VEN = VVCC
125
k
Ω
Serial Interface: Logic Inputs (DI, CLK, CS)
Input low-level threshold
0.6
V
Input high-level threshold
2
V
Input threshold hysteresis
150
mV
DI pull-down resistor,
CLK pin
VDI, VCLK = VVCC
125
k
Ω
CS pull-up current
VCS = 0V
125
k
Ω
Input capacitance (6)
CIN
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com