Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL72028ASEH Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL72028ASEH
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEH Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL72028ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 12Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 13Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 14Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 15Page - Renesas Technology Corp ISL72028ASEH Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
FN8863 Rev.1.00
Page 12 of 25
Jul 27, 2017
ISL72028ASEH
2. Specifications
Figure 18. Total Loop Delay Test Circuit
Figure 19. Total Loop Delay Measurement Points
Figure 20. Low Power Shutdown to Dominant Time
Circuit
Figure 21. Low Power Shutdown to Dominant Time
Measurement Points
Table 3. Differential Input Voltage Threshold Test
Input
Output
Measured
VCANH
VCANL
RVDIFF
-6.1V
-7V
L
900mV
12V
11.1V
L
900mV
-1V
-7V
L
6V
12V
6V
L
6V
-6.5V
-7V
H
500mV
12V
11.5V
H
500mV
-7V
-1V
H
6V
6V
12V
H
6V
Open
Open
H
X
0Ω, 10kΩ, 50kΩ
60Ω
CAN H
CAN L
GND
RS
VREF
D
R
VO
VIN
15pF ±20%
VIN = 125kHz, duty cycle 50%, tr = tf ≤ 6ns
±1%
FLOAT
t(LOOP2)
50%
50%
50%
50%
t(LOOP1)
VIN
VO
VCC
0V
VOH
VOL
D
VREF
RS
R
CAN_L
CAN_H
GND
VOD
60Ω
VIN
15pF ±20%
FLOAT
±1%
VO
VIN = 125kHz, 0V to VCC, duty cycle 50%, tr = tf ≤ 6ns
50%
VIN
VO
VCC
0V
VOH
VOL
t (LPS - DOM)
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com