Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BFT0M Datasheet(PDF) 53 Page - NXP Semiconductors

Part # FS32K112BFT0M
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0M Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button FS32K112BFT0M Datasheet HTML 49Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 50Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 51Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 52Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 53Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 54Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 55Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 56Page - NXP Semiconductors FS32K112BFT0M Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
Table 32. LPSPI electrical specifications1 (continued)
Num
Symbol
Description
Conditions
Run Mode2
HSRUN Mode2
VLPR Mode
Unit
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
4
tLag9
Enable lag
time (After
SPSCK delay)
Slave
-
-
-
-
-
-
-
-
-
-
-
-
ns
Master
-
-
-
-
-
-
Master
Loopback5
Master
Loopback(slow)6
5
tWSPSCK10 Clock(SPSCK
) high or low
time (SPSCK
duty cycle)
Slave
ns
Master
Master
Loopback5
Master
Loopback(slow)6
6
tSU
Data setup
time(inputs)
Slave
3
-
5
-
3
-
5
-
18
-
18
-
ns
Master
29
-
38
-
26
-
3711
32 12
-
72
-
78
-
Master
Loopback5
7
-
8
-
5
-
7
-
20
-
20
-
Master
Loopback(slow)6
8
-
10
-
7
-
9
-
20
-
20
-
7
tHI
Data hold
time(inputs)
Slave
3
-
3
-
3
-
3
-
14
-
14
-
ns
Master
0
-
0
-
0
-
0
-
0
-
0
-
Master
Loopback5
3
-
3
-
2
-
3
-
11
-
11
-
Master
Loopback(slow)6
3
-
3
-
3
-
3
-
12
-
12
-
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com