Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WG-A5-6A-10-R Datasheet(PDF) 2 Page - Comus International

Part # WG-A5-6A-10-R
Description  Zero cross and random
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

WG-A5-6A-10-R Datasheet(HTML) 2 Page - Comus International

  WG-A5-6A-10-R Datasheet HTML 1Page - Comus International WG-A5-6A-10-R Datasheet HTML 2Page - Comus International WG-A5-6A-10-R Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Comus International Bvba
Overhaamlaan 40
3700 Tongeren, Belgium
Phone: +32 12390400
Fax: +32 12235754
Email: info@comus.be
www.comus.be
Solid State Relays
Datasheet WG A5 6A
www.comus.com
page 2
Rev. 3 ECN 06030601
Comus International, Belgium : + 32 (0)12 390 400, USA : + 1 973 777 6900 - Assemtech, UK : +44 (0) 1255 862 236
Steuerkreis
Lastkreis
3+
4-
Nullspannungs-
bzw.
Momentanschalter
Dimensions in mm
1~
3
INPUT
OUTPUT
4
2~
Ordering Information
WG A5 6A 10 Z
CURRENT
10 : 10A
25 : 25A
40 : 40A
SWITCHING
R : Random
Z : Zero cross
Options: Suffix – P, 100% potted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com