Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WG-A5-6A-10-R Datasheet(PDF) 3 Page - Comus International

Part # WG-A5-6A-10-R
Description  Zero cross and random
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

WG-A5-6A-10-R Datasheet(HTML) 3 Page - Comus International

  WG-A5-6A-10-R Datasheet HTML 1Page - Comus International WG-A5-6A-10-R Datasheet HTML 2Page - Comus International WG-A5-6A-10-R Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Comus International Bvba
Overhaamlaan 40
3700 Tongeren, Belgium
Phone: +32 12390400
Fax: +32 12235754
Email: info@comus.be
www.comus.be
Solid State Relays
Datasheet WG A5 6A
www.comus.com
page 3
Rev. 3 ECN 06030601
Comus International, Belgium : + 32 (0)12 390 400, USA : + 1 973 777 6900 - Assemtech, UK : +44 (0) 1255 862 236
Number of SSR per Heatsink/
Load current per SSR
Heat sink
1 SSR
2 SSR
3 SSR
WG K1/100
10 A
8 A
WG K2/100
10 A
10 A
WG K3/160
10 A
10 A
10 A
WG K4/160L
10 A
10 A
10 A
WG K5/80
10 A
Values for 40°C enclosure-temperature and mounted with
conducting paste between the SSR and the heat sink
Number of SSR per Heatsink/
Load current per SSR
Heat sink
1 SSR
2 SSR
3 SSR
WG K1/100
14 A
10 A
WG K2/100
17 A
14 A
WG K3/160
25 A
21 A
18 A
WG K4/160L
25 A
25 A
25 A
WG K5/80
24 A
Values for 40°C enclosure-temperature and mounted with
conducting paste between the SSR and the heat sink
Number of SSR per Heatsink/
Load current per SSR
Heat sink
1 SSR
2 SSR
3 SSR
WG K1/100
16 A
11 A
WG K2/100
20 A
15 A
WG K3/160
31 A
24 A
20 A
WG K4/160L
40 A
36 A
32 A
WG K5/80
27 A
Values for 40°C enclosure-temperature and mounted with
conducting paste between the SSR and the heat sink
Derating diagrams
WG A5 6D 10 Z/R
16
14
Heat Sink K/W
16
14
12
12
10
10
8
8
6
6
without
2,5 K/W
4
2
0
0
2
4
6
8
10
12
Load current [A rms]
4
3,5 K/W
4,0 K/W
2
6,0 K/W
0
20
30
40
50
60
70
80
90
Ambient temperature [°C]
WG A5 6D 25 Z/R
40
35
Heat Sink K/W
40
35
30
30
25
25
20
20
15
15
without
0,3 K/W
10
10
0,9 K/W
1,6 K/W
5
5
2,5 K/W
0
0
5
10
15
20
25
30
Load current [A rms]
0
20
30
40
50
60
70
80
90
Ambient temperature [°C]
WG A5 6D 40 Z/R
Heat Sink K/W
70
70
60
60
50
50
40
40
30
30
20
20
without
0,3 K/W
0,9 K/W
10
0
0
10
20
30
40
50
Load current [A rms]
10
2,5 K/W
0
20
30
40
50
60
70
80
90
Ambient temperature [°C]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com