Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2004E/H Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2004E/H
Description  Fast-Charge ICs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2004E/H Datasheet(HTML) 4 Page - Texas Instruments

  BQ2004E/H Datasheet HTML 1Page - Texas Instruments BQ2004E/H Datasheet HTML 2Page - Texas Instruments BQ2004E/H Datasheet HTML 3Page - Texas Instruments BQ2004E/H Datasheet HTML 4Page - Texas Instruments BQ2004E/H Datasheet HTML 5Page - Texas Instruments BQ2004E/H Datasheet HTML 6Page - Texas Instruments BQ2004E/H Datasheet HTML 7Page - Texas Instruments BQ2004E/H Datasheet HTML 8Page - Texas Instruments BQ2004E/H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
The valid temperature range is VHTF <VTEMP <VLTF,
where:
VLTF = 0.4
∗ VCC ± 30mV
VHTF = [(1/3
∗ VLTF) + (2/3 ∗ VTCO)] ± 30mV
VTCO is the voltage presented at the TCO input pin, and is
configured by the user with a resistor divider between VCC
and ground. The allowed range is 0.2 to 0.4
∗ VCC.
If the temperature of the battery is out of range, or the
voltage is too low, the chip enters the charge pending
state and waits for both conditions to fall within their al-
lowed limits. During the charge-pending mode, the IC
first applies a top-off charge to the battery.
The top-off charge, at the rate of 18 of the fast charge,
continues until the fast-charge conditions are met or the
top-off time-out period is exceeded. The IC then trickle
charges until the fast-charge conditions are met. There
is no time limit on the charge pending state; the charger
remains in this state as long as the voltage or tempera-
ture conditons are outside of the allowed limits. If the
voltage is too high, the chip goes to the battery absent
state and waits until a new charge cycle is started.
Fast charge continues until termination by one or more
of the six possible termination conditions:
n Delta temperature/delta time (
∆T/∆t)
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
PVD and -
∆V Termination
The bq2004E/H samples the voltage at the BAT pin once
every 34s. When -
∆V termination is selected, if VCELL is
lower than any previously measured value by 12mV
±4mV (6mV/cell), fast charge is terminated. When PVD
termination is selected, if VCELL is lower than any previ-
ously measured value by 6mV
±2mV (3mV/cell), fast
charge is terminated. The PVD and -
∆V tests are valid
in the range 0.4
∗ VCC <VCELL < 0.8 ∗ VCC.
4
bq2004E/H
BD200401.eps
Timing
Control
OSC
Display
Control
Charge Control
State Machine
Discharge
Control
MOD
Control
TCO
Check
LTF
Check
A/D
EDV
Check
MCV
Check
DIS
MOD
INH
VCC VSS
BAT
SNS
TS
TCO
TM2
TM1
LED1
DCMD
DVEN
VTS - VSNS
VBAT - VSNS
LED2
DSEL
PWR
Control
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com