Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2004E/H Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2004E/H
Description  Fast-Charge ICs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2004E/H Datasheet(HTML) 1 Page - Texas Instruments

  BQ2004E/H Datasheet HTML 1Page - Texas Instruments BQ2004E/H Datasheet HTML 2Page - Texas Instruments BQ2004E/H Datasheet HTML 3Page - Texas Instruments BQ2004E/H Datasheet HTML 4Page - Texas Instruments BQ2004E/H Datasheet HTML 5Page - Texas Instruments BQ2004E/H Datasheet HTML 6Page - Texas Instruments BQ2004E/H Datasheet HTML 7Page - Texas Instruments BQ2004E/H Datasheet HTML 8Page - Texas Instruments BQ2004E/H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
➤ Fast charge and conditioning of
nickel cadmium or nickel-metal
hydride batteries
➤ Hysteretic PWM switch-mode
current regulation or gated con-
trol of an external regulator
➤ Easily integrated into systems or
used as a stand-alone charger
➤ Pre-charge qualification of tem-
perature and voltage
➤ Configurable, direct LED outputs
display battery and charge status
➤ Fast-charge termination by ∆ tem-
perature/
∆ time, peak volume de-
tection, -
∆V, maximum voltage,
maximum temperature, and maxi-
mum time
➤ Optional top-off charge and
pulsed current maintenance
charging
➤ Logic-level controlled low-power
mode (< 5
µA standby current)
General Description
The bq2004E and bq2004H Fast
Charge ICs provide comprehensive
fast charge control functions together
with high-speed switching power con-
trol circuitry on a monolithic CMOS
device.
Integration of closed-loop current
control circuitry allows the bq2004
to be the basis of a cost-effective so-
lution for stand-alone and system-
integrated chargers for batteries of
one or more cells.
Switch-activated discharge-before-
charge allows bq2004E/H-based charg-
ers to support battery conditioning
and capacity determination.
High-efficiency power conversion is
accomplished using the bq2004E/H as
a hysteretic PWM controller for
switch-mode regulation of the charg-
ing current. The bq2004E/H may al-
ternatively be used to gate an exter-
nally regulated charging current.
Fast charge may begin on application
of the charging supply, replacement
of the battery, or switch depression.
For safety, fast charge is inhibited
unless/until the battery tempera-
ture and voltage are within config-
ured limits.
Temperature, voltage, and time are
monitored throughout fast charge.
Fast charge is terminated by any of
the following:
n Rate of temperature rise
(
∆T/∆t)
n Peak voltage detection (PVD)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
After fast charge, optional top-off
and pulsed current maintenance
phases with appropriate display
mode selections are available.
The bq2004H differs from the
bq2004E only in that fast charge,
hold-off, and top-off time units have
been scaled up by a factor of two,
and the bq2004H provides different
display selections. Timing differ-
ences between the two ICs are illus-
trated in Table 1. Display differ-
ences are shown in Table 2.
1
Fast-Charge ICs
bq2004E/H
DCMD
Discharge command
DSEL
Display select
VSEL
Voltage termination
select
TM1
Timer mode select 1
TM2
Timer mode select 2
TCO
Temperature cutoff
TS
Temperature sense
BAT
Battery voltage
1
PN2004E01.eps
16-Pin Narrow DIP
or Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INH
DIS
MOD
VCC
VSS
LED2
LED1
SNS
DCMD
DSEL
VSEL
TM1
TM2
TCO
TS
BAT
SNS
Sense resistor input
LED1
Charge status output 1
LED2
Charge status output 2
VSS
System ground
VCC
5.0V
±10% power
MOD
Charge current control
DIS
Discharge control
output
INH
Charge inhibit input
Pin Connections
SLUS081A - APRIL 2005
Pin Names


Similar Part No. - BQ2004E/H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004E TI-BQ2004E Datasheet
151Kb / 16P
Fast-Charge ICs
BQ2004E TI-BQ2004E Datasheet
172Kb / 19P
Fast-Charge ICs
BQ2004E TI-BQ2004E Datasheet
295Kb / 19P
Fast-Charge ICs
BQ2004E TI1-BQ2004E Datasheet
460Kb / 18P
Fast-Charge ICs
BQ2004EPN TI-BQ2004EPN Datasheet
151Kb / 16P
Fast-Charge ICs
More results

Similar Description - BQ2004E/H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2004E TI-BQ2004E Datasheet
151Kb / 16P
Fast-Charge ICs
BQ2004E TI-BQ2004E_07 Datasheet
172Kb / 19P
Fast-Charge ICs
BQ2004E TI-BQ2004E_08 Datasheet
295Kb / 19P
Fast-Charge ICs
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
NiCd/NiMH Fast-Charge Management ICs
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2004E TI1-BQ2004E_12 Datasheet
460Kb / 18P
Fast-Charge ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com