Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4017 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC4017
Description  HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4017 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC4017 Datasheet HTML 1Page - Texas Instruments CD54HC4017 Datasheet HTML 2Page - Texas Instruments CD54HC4017 Datasheet HTML 3Page - Texas Instruments CD54HC4017 Datasheet HTML 4Page - Texas Instruments CD54HC4017 Datasheet HTML 5Page - Texas Instruments CD54HC4017 Datasheet HTML 6Page - Texas Instruments CD54HC4017 Datasheet HTML 7Page - Texas Instruments CD54HC4017 Datasheet HTML 8Page - Texas Instruments CD54HC4017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CD74HC4017-Q1
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER
WITH 10 DECODED OUTPUTS
SCLS546SA − OCTOBER 2003 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Fully Static Operation
D Buffered Inputs
D Common Reset
D Positive Edge Clocking
D Typical f
MAX = 60 MHz at VCC = 5 V,
CL = 15 pF, TA = 25°C
D Fanout (Over Temperature Range)
− Standard Outputs ... 10 LSTTL Loads
− Bus Driver Outputs ... 15 LSTTL Loads
D Balanced Propagation Delay and Transition
Times
D Significant Power Reduction Compared to
LSTTL Logic ICs
D V
CC Voltage = 2 V to 6 V
D High Noise Immunity N
IL or NIH = 30% of
VCC, VCC = 5 V
description/ordering information
The CD74HC4017 is a high-speed silicon-gate
CMOS 5-stage Johnson counter with ten decoded
outputs. Each of the decoded outputs normally is low
and sequentially goes high on the low-to-high transition clock period of the ten-clock-period cycle. The carry
(TC) output transitions low to high after output 9 goes from high to low, and can be used in conjunction with the
clock enable (CE) input to cascade several stages. CE disables counting when in the high state. A master reset
(MR) input also is provided that, when taken high, sets all the decoded outputs, except output 0, to low.
The device can drive up to ten low-power Schottky equivalent loads.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°Cto125°C
SOIC − M
Tape and reel
CD74HC4017QM96Q1
HC4017Q
−40
°C to 125°C
TSSOP − PW
Tape and reel
CD74HC4017QPWRQ1
HC4017Q
† For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
INPUTS
OUTPUT STATE†
CP
CE
MR
OUTPUT STATE†
L
X
L
No change
X
H
L
No change
X
X
H
0 = H, 1−9 = L
↑
L
L
Increments counter
↓
X
L
No change
X
↑
L
No change
H
↓
L
Increments counter
NOTE: H = high voltage level, L = low voltage level,
X = don’t care,
↑ = transition from low to high
level,
↓ = transition from high to low level
† If n < 5, TC = H, otherwise TC = L
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5
1
0
2
6
7
3
GND
VCC
MR
CP
CE
TC
9
4
8


Similar Part No. - CD54HC4017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017 Datasheet
497Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017 Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI2-CD54HC4017 Datasheet
275Kb / 12P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
MAY 1999
CD54HC4017 TI2-CD54HC4017 Datasheet
422Kb / 16P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
DECEMBER 2003
More results

Similar Description - CD54HC4017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017_07 Datasheet
497Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017_08 Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com