Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC646 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC646
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC646 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC646 Datasheet HTML 2Page - Texas Instruments CD54HC646 Datasheet HTML 3Page - Texas Instruments CD54HC646 Datasheet HTML 4Page - Texas Instruments CD54HC646 Datasheet HTML 5Page - Texas Instruments CD54HC646 Datasheet HTML 6Page - Texas Instruments CD54HC646 Datasheet HTML 7Page - Texas Instruments CD54HC646 Datasheet HTML 8Page - Texas Instruments CD54HC646 Datasheet HTML 9Page - Texas Instruments CD54HC646 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CD54HC646, CD74HCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCHS278B – APRIL 2003 – REVISED APRIL 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics for CD54HC646 over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.9
5.9
V
IOH = –6 mA
4.5 V
3.98
3.7
3.84
IOH = –7.8 mA
6 V
5.48
5.2
5.34
2 V
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.1
0.1
0.1
V
IOL = 6 mA
4.5 V
0.26
0.4
0.33
IOL = 7.8 mA
6 V
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±1
±1
µA
IOZ
VO = VCC or 0
6 V
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
10
10
10
pF
Co
20
20
20
pF
electrical characteristics for CD74HCT646 over recommended operating free-air temperature
range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
VI =VIH or VIL
IOH = –20 µA
45 V
4.4
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –6 mA
4.5 V
3.98
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
45 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.26
0.4
0.33
V
II
VI = VCC to GND
5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or 0
5.5 V
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at VCC – 2.1 V,
Other inputs at 0 or VCC
4.5 V to 5.5 V
100
360
490
450
µA
Ci
10
10
10
pF
Co
20
20
20
pF
† Additional quiescent supply current per input pin, TTL inputs high, 1 unit load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com