Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 66 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 66 Page - Microchip Technology

Back Button BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
12.
Appendix A: Regulatory Approval
The BM83 module(1) has received regulatory approval for the following countries:
• Bluetooth Special Interest Group (SIG) QDID:
– BM83 with Class 1(2) : 134083
– BM83 (3) : 134099
• United States/FCC ID: 2ADHKBM83SM1
• Canada/ISED:
– IC: 20266-BM83SM1
– HVIN: BM83SM1
• Europe/CE
• Japan/MIC: 005-102168
• Korea/KCC: R-C-mcp-BM83SM1
• Taiwan/NCC: CCAN19LP0730T1
Notes: 
1.
Module variants (test report covers all the variants)
– BM83SM1with shield-can. FCC/ISED certificate is applicable only for BM83SM1.
– BM83AM1 without shield-can. BM83 AM1 is not for sale. FCC/ISED and CE test reports cover
BM83AM1.
2.
QDID for Class1 power level for BM83SM1, BM83AM1
3.
QDID for Class2 power level for BM83SM1, BM83AM1
12.1
United States
The BM83 module has received Federal Communications Commission (FCC) CFR47 Telecommunications, Part 15
Subpart C “Intentional Radiators” single-modular approval in accordance with Part 15.212 Modular Transmitter
approval. Single-modular transmitter approval is defined as a complete RF transmission sub-assembly, designed to
be incorporated into another device, that must demonstrate compliance with FCC rules and policies independent of
any host. A transmitter with a modular grant can be installed in different end-use products (referred to as a host, host
product, or host device) by the grantee or other equipment manufacturer, then the host product may not require
additional testing or equipment authorization for the transmitter function provided by that specific module or limited
module device.
The user must comply with all of the instructions provided by the Grantee, which indicate installation and/or operating
conditions necessary for compliance.
A host product itself is required to comply with all other applicable FCC equipment authorization regulations,
requirements, and equipment functions that are not associated with the transmitter module portion. For example,
compliance must be demonstrated: to regulations for other transmitter components within a host product; to
requirements for unintentional radiators (Part 15 Subpart B), such as digital devices, computer peripherals, radio
receivers, etc.; and to additional authorization requirements for the non-transmitter functions on the transmitter
module (i.e., Suppliers Declaration of Conformity (SDoC) or certification) as appropriate (e.g., Bluetooth and Wi-Fi
transmitter modules may also contain digital logic functions).
12.1.1
Labeling and User Information Requirements
The BM83 module has been labeled with its own FCC ID number, and if the FCC ID is not visible when the module is
installed inside another device, then the outside of the finished product into which the module is installed must display
a label referring to the enclosed module. This exterior label should use the following wording:
BM83
Appendix A: Regulatory Approval
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com