Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM83 Datasheet(PDF) 16 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 16 Page - Microchip Technology

Back Button BM83 Datasheet HTML 12Page - Microchip Technology BM83 Datasheet HTML 13Page - Microchip Technology BM83 Datasheet HTML 14Page - Microchip Technology BM83 Datasheet HTML 15Page - Microchip Technology BM83 Datasheet HTML 16Page - Microchip Technology BM83 Datasheet HTML 17Page - Microchip Technology BM83 Datasheet HTML 18Page - Microchip Technology BM83 Datasheet HTML 19Page - Microchip Technology BM83 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
outgoing signal level to the speaker is monitored and adjusted to avoid saturation of speaker output or microphone
input. Adaptive filtering is also applied to track the echo path impulse in response, to provide an echo free and full-
duplex user experience.
The embedded noise reduction algorithm helps to extract clean speech signals from the noisy inputs captured by the
microphones and improves communication.
In addition to NR/AEC function, audio effect functions such as Multiband Dynamic Range Compression (MB-DRC),
virtual bass enhancement (VB), and audio widening (AW)), for A2DP audio streaming are also available to enhance
the audio quality for various applications. For mono speaker/speakerphone and stereo headset applications, MB-
DRC and VB can be enabled to have better audio clarity. For stereo speaker/speakerphone applications, in addition
to MB-DRC and VB, AW can be enabled to provide better live audio effect for the users.
The following figures illustrate the signal processing flow of speakerphone applications for speech and audio signal
processing.
Figure 3-2. Speech Signal Processing
Antenna
MCU
CVSD/A-Law/
μ-Law/MSBC
Decoders
CVSD/A-Law/
μ-Law/MSBC
Encoders
Far-end
NR
HPF
DAC
Audio
Amplifier
Speaker
Equaliser
Near-end
NR/AES
AEC
HPF
ADC
Microphones
BM83
DSP
Equaliser
SRC
SRC
Digital
MIC Gain
Additive
Background Noise
Figure 3-3. Audio Signal Processing
Antenna
MCU
SBC/AAC
Decoders
Audio
Effect
Equaliser
Speaker
DSP
BM83
Amplifier
Audio
SRC
DAC
(Speaker
Gain)
Line-In
ADC
External Audio
Source
Note: 
1.
The DSP parameters can be configured using the Config Tool.
3.2
Codec
The built-in codec has a high SNR performance and it consists of an ADC, a DAC and an additional analog circuitry.
The internal codec supports 20-bit resolution for DAC and 16-bit resolution for ADC.
• Interfaces
– Two mono differential or single-ended MIC inputs
– One stereo single-ended line input
– One stereo single-ended line output
BM83
Audio Subsystem
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com