Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-I/SLSQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F18323-I/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-I/SLSQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F18323-I/SLSQTP Datasheet HTML 24Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 25Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 26Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 27Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 28Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 29Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 30Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 31Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 442 page
background image
Bank 4
CPU CORE REGISTERS; see Table 3-2 for specifics
20Ch
WPUA
―
―
WPUA5
WPUA4
WPUA3
WPUA2
WPUA1
WPUA0
--00 0000
--00 0000
20Dh
―
―
Unimplemented
―
―
20Eh
WPUC
X
―
Unimplemented
―
―
―
X
―
―
WPUC5
WPUC4
WPUC3
WPUC2
WPUC1
WPUC0
--00 0000
--00 0000
20Fh
―
―
Unimplemented
―
―
210h
―
―
Unimplemented
―
―
211h
SSP1BUF
SSP1BUF<7:0>
xxxx xxxx
uuuu uuuu
212h
SSP1ADD
SSP1ADD<7:0>
0000 0000
0000 0000
213h
SSP1MSK
SSP1MSK<7:0>
1111 1111
1111 1111
214h
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
215h
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000
0000 0000
216h
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
0000 0000
217h
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000
0000 0000
218h-21Fh
―
―
Unimplemented
―
―
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com