Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-I/SLSQTP Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC16F18323-I/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-I/SLSQTP Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC16F18323-I/SLSQTP Datasheet HTML 84Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 85Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 86Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 87Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 88Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 89Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 90Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 91Page - Microchip Technology PIC16F18323-I/SLSQTP Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 88
Preliminary
 2015 Microchip Technology Inc.
REGISTER 7-2:
PIE0: PERIPHERAL INTERRUPT ENABLE REGISTER 0
U-0
U-0
R/W/HS-0/0
R-0
U-0
U-0
U-0
R/W/HS-0/0
—
—TMR0IE
IOCIE
—
—
—INTE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Hardware set
bit 7-6
Unimplemented
: Read as ‘0’
bit 5
TMR0IE:
TMR0 Overflow Interrupt Enable bit
1
= Enables the TMR0 interrupt
0
= Disables the TMR0 interrupt
bit 4
IOCIE:
Interrupt-on-Change Interrupt Enable bit
1
= Enables the IOC change interrupt.
0
= Disables the IOC change interrupt.
bit 3-1
Unimplemented
: Read as ‘0’
bit 0
INTE:
INT External Interrupt Flag bit(1)
1
= Enables the INT external interrupt
0
= Disables the INT external interrupt
Note 1:
The External Interrupt GPIO pin is selected by INTPPS (Register 12-1).
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com