Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1956 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1956
Description  6-Bit Digital Step Attenuator, 1MHz to 4000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1956 Datasheet HTML 1Page - Renesas Technology Corp F1956 Datasheet HTML 2Page - Renesas Technology Corp F1956 Datasheet HTML 3Page - Renesas Technology Corp F1956 Datasheet HTML 4Page - Renesas Technology Corp F1956 Datasheet HTML 5Page - Renesas Technology Corp F1956 Datasheet HTML 6Page - Renesas Technology Corp F1956 Datasheet HTML 7Page - Renesas Technology Corp F1956 Datasheet HTML 8Page - Renesas Technology Corp F1956 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
F1912 Datasheet
R35DS0055EU0100 Rev.1.00
Nov 10, 2022
Page 3
1.
Pin Information
1.1
Pin Assignments
1.2
Pin Descriptions
Pin
Name
Function
1
D5
16 dB Attenuation Control Bit. Pull high for 16 dB ATTN.
2
RF1
Device RF input or output (bi-directional). Internally DC blocked.
3
DATA
Serial interface Data Input.
4
CLK
Serial interface Clock Input.
5
LE
Serial interface Latch Enable Input. Internal pullup (100K ohm).
6
VDD
Power supply pin.
7
NC
Internally unconnected.
8
NC
Internally unconnected.
9
NC
Internally unconnected.
10
GND
Connect to Ground. This pin is internally connected to the exposed paddle.
CLK
DATA
VMODE
GND
D4
LE
GND
*RF2
*RF1
D5
2
1
3
5
4
12
11
13
15
14
6
7
9
8
10
16
17
19
18
20
Exposed Pad
TOP View
(looking through the top of the package)
* Device is RF Bi-Directional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com