Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1956 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1956
Description  6-Bit Digital Step Attenuator, 1MHz to 4000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1956 Datasheet HTML 4Page - Renesas Technology Corp F1956 Datasheet HTML 5Page - Renesas Technology Corp F1956 Datasheet HTML 6Page - Renesas Technology Corp F1956 Datasheet HTML 7Page - Renesas Technology Corp F1956 Datasheet HTML 8Page - Renesas Technology Corp F1956 Datasheet HTML 9Page - Renesas Technology Corp F1956 Datasheet HTML 10Page - Renesas Technology Corp F1956 Datasheet HTML 11Page - Renesas Technology Corp F1956 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
F1912 Datasheet
R35DS0055EU0100 Rev.1.00
Nov 10, 2022
Page 8
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input IP2
IIP2
PIN = +12dBm/tone, VDD=5.0V
F1=945 MHz, F2= 949 MHz
F1+F2 = 1894 MHz
RFIN= RF1
110
dBm
0.1dB Compression3
P0.1
D[5:0] = [000000] = 0 dB
31
dBm
MSB Step Time
tLSB
LE rising edge to within ±0.10
dB Pout settling for 15.5 dB to
16.0 dB transition
500
ns
Maximum spurious level
on any RF port4
SpurMAX
-140
dBm
Maximum Switching
Frequency
SWFREQ
25
kHz
DSA Settling time
τ
SET
Max to Min Attenuation to settle
to within 0.5 dB of final value
0.9
µs
Min to Max Attenuation to settle
to within 0.5 dB of final value
1.8
Control Interface
SPIBIT
6
bit
Serial Clock Speed
SPICLK
25
MHz
1.
Items in min/max columns in bold italics are confirmed by Test.
2.
Items in min/max columns that are not bold/italics are confirmed by Design Characterization.
3.
The input 0.1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF
input power.
4.
Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.
5.
The power supply voltage must be applied before all other voltages. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com