Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2955 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2955
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2955 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2955 Datasheet HTML 1Page - Renesas Technology Corp F2955 Datasheet HTML 2Page - Renesas Technology Corp F2955 Datasheet HTML 3Page - Renesas Technology Corp F2955 Datasheet HTML 4Page - Renesas Technology Corp F2955 Datasheet HTML 5Page - Renesas Technology Corp F2955 Datasheet HTML 6Page - Renesas Technology Corp F2955 Datasheet HTML 7Page - Renesas Technology Corp F2955 Datasheet HTML 8Page - Renesas Technology Corp F2955 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High Reliability SP5T RF
Switch 50MHz to 8000MHz
F2955
Datasheet
© 2018–2023 Renesas Electronics Corporation
1
November 1, 2023
Description
The F2955 is a high reliability, low insertion loss, 50Ω SP5T
absorptive RF switch designed for a multitude of RF applications,
including wireless communications. This device covers a broad
frequency range from 50MHz to 8000MHz. In addition to providing
low insertion loss, the F2955 also delivers excellent linearity and
isolation performance while providing a 50Ω termination to the
unused RF input ports. The F2955 also includes a patent-pending
constant impedance (K|Z|™) feature. K|Z| improves system hot
switching ruggedness, minimizes LO pulling in VCOs, and reduces
phase and amplitude variations in distribution networks. It is also
ideal for dynamic switching/selection between two or more
amplifiers while avoiding damage to upstream/downstream
sensitive devices, such as power amplifiers (PAs) and analog-to-
digital converters (ADCs).
The F2955 uses a single positive supply voltage supporting three
logic control pins using either 3.3V or 1.8V control logic.
Connecting a negative voltage to pin 20 disables the internal
negative voltage generator and becomes the negative supply.
Competitive Advantage
The F2955 provides constant impedance in all RF ports during
transitions, improving a system’s hot-switching ruggedness. The
device also supports high-power handling and high isolation,
particularly important for DPD receiver use.
Constant impedance K|Z| during switching transition
RFX to RFC isolation = 49dB at 4GHz
Insertion loss = 1.1dB at 4GHz
IIP3: +60.5dBm at 4GHz
Extended temperature: -40°C to +105°C
Typical Applications
Base Station 2G, 3G, 4G
Portable Wireless
Repeaters and E911 Systems
Digital Pre-distortion
Point-to-Point Infrastructure
Public Safety Infrastructure
Military Systems, JTRS Radios
Cable Infrastructure
Test / ATE Equipment
Features
Five symmetric, absorptive RF ports
High isolation: 49dB at 4000MHz
Low insertion loss: 1.1dB at 4000MHz
High linearity:
•
IIP2 of 114dBm at 2000MHz
•
IIP3 of 60.5dBm at 4000MHz
High operating power handling:
•
33dBm CW on selected RF port
•
27dBm on terminated ports
Single 2.7V to 5.5V supply voltage
External negative supply option
3.3V and 1.8V compatible control logic
Operating temperature: -40°C to +105°C
4 × 4 mm 24-QFN package
Pin compatible with competitors
Block Diagram
Figure 1. Block Diagram
K|Z|
VSSEXT
RF5
Control
Circuit
RF4
RF2
RF1
V1
V2
V3
RFC
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
RF3


Similar Part No. - F2955

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955EVBK RENESAS-F2955EVBK Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955NBGK RENESAS-F2955NBGK Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955NBGK8 RENESAS-F2955NBGK8 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
More results

Similar Description - F2955

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
SP5T RF SWITCH
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
UltraCMOS짰 SP5T RF Switch
logo
Integrated Device Techn...
F2915 IDT-F2915 Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
SP5T RF Switch
logo
Renesas Technology Corp
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com