Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2955 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2955
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2955 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2955 Datasheet HTML 9Page - Renesas Technology Corp F2955 Datasheet HTML 10Page - Renesas Technology Corp F2955 Datasheet HTML 11Page - Renesas Technology Corp F2955 Datasheet HTML 12Page - Renesas Technology Corp F2955 Datasheet HTML 13Page - Renesas Technology Corp F2955 Datasheet HTML 14Page - Renesas Technology Corp F2955 Datasheet HTML 15Page - Renesas Technology Corp F2955 Datasheet HTML 16Page - Renesas Technology Corp F2955 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
F2955 Datasheet
© 2018–2023 Renesas Electronics Corporation
13
November 1, 2023
Figure 28. Switching Speed RFX to RFC All Off
to On
Figure 29. Switching Speed RFX to RFC On to
All Off
Figure 30. RFX IIP3 vs. Frequency over Switch
Path [Selected State]
Figure 31. RF1 IIP3 vs. Frequency over
Temperature and Voltage
Figure 32. RF2 IIP3 vs. Frequency over
Temperature and Voltage
Figure 33. RF3 IIP3 vs. Frequency over
Temperature and Voltage
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
50
100
150
200
250
300
Time (nsec)
RF1
RF2
RF3
RF4
RF5
Normal Mode (Internal NVG)
RFX to RFC. Measurement system
floor = 45 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com