Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP102 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP102
Description  PHOTO-IC Intelligent Power Module Signal Isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP102 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP102 Datasheet HTML 1Page - Toshiba Semiconductor TLP102 Datasheet HTML 2Page - Toshiba Semiconductor TLP102 Datasheet HTML 3Page - Toshiba Semiconductor TLP102 Datasheet HTML 4Page - Toshiba Semiconductor TLP102 Datasheet HTML 5Page - Toshiba Semiconductor TLP102 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP102
2005-04-22
1
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC
TLP102
Intelligent Power Module Signal Isolation
Industrial Inverters
Motor Drive
The Toshiba TLP102 consists of a GaAℓAs light-emitting diode and an
integrated high-gain, high-speed photodetector. The TLP102 is suitable
for isolating input control signals to intelligent power modules. This unit
is a 6-pin MFSOP.
The detector has a totem pole output stage to provide source drive and
sink drive and features a built-in Schmitt trigger.
The detector IC has an internal shield that provides a guaranteed
common-mode transient immunity of 10 kV/μs.
The TLP102 is of an inverter logic type. A buffer logic version, the
TLP106, is also available.
Inverter logic type (totem pole output)
Guaranteed performance over temperature: -40~85°C
Power supply voltage: -0.5~20 V
Input current: IFHL = 3 mA (Max.)
Switching time (tpLH/tpHL): 400 ns (Max.)
Common-mode transient immunity: 10 kV/μs
Isolation voltage: 3750 Vrms
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
TOSHIBA
11-4C2
Weight: 0.09 g(typ.)
Unit in mm
Pin Configuration (Top View)
Schematic
1:ANODE
3:CATHODE
4:GND
5:VO
6:VCC
0.1
μF bypass capacitor must be
connected between pins 6 and 4
VCC
GND
SHIELD
1
3
4
5
6
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2


Similar Part No. - TLP102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
TLP1025 TOSHIBA-TLP1025 Datasheet
360Kb / 9P
PHOTO-INTERRUPTER
More results

Similar Description - TLP102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
KODENSHI_AUK CORP.
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
Photo IC(photodiode with signal processing)?
logo
Toshiba Semiconductor
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
TLP706F TOSHIBA-TLP706F Datasheet
133Kb / 2P
Intelligent power module signal isolation
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
Intelligent power module signal isolation
TLP106 TOSHIBA-TLP106_07 Datasheet
249Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
Photo−IC Digital Logic Isolation.
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com