Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP102 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP102
Description  PHOTO-IC Intelligent Power Module Signal Isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP102 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP102 Datasheet HTML 1Page - Toshiba Semiconductor TLP102 Datasheet HTML 2Page - Toshiba Semiconductor TLP102 Datasheet HTML 3Page - Toshiba Semiconductor TLP102 Datasheet HTML 4Page - Toshiba Semiconductor TLP102 Datasheet HTML 5Page - Toshiba Semiconductor TLP102 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP102
2005-04-22
3
Electrical Characteristics
(Unless otherwise specified, Ta = -40~85
°C, VCC = 4.5~20 V.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Forward Voltage
VF
―
IF = 5 mA , Ta = 25
°C
―
1.5
1.7
V
Temperature Coefficient of
Forward Voltage
ΔVF/ΔTa
―
IF = 5 mA
―
-2.0
―
mV/
°C
Input Reverse Current
IR
―
VR = 5 V , Ta = 25
°C
―
―
10
μA
Input Capacitance
CT
―
V = 0 , f = 1 MHz , Ta = 25
°C
―
30
―
pF
Logic LOW Output Voltage
VOL
1
IOL = 3.5 mA , IF = 5 mA
―
0.1
0.35
V
VCC = 5 V
2.4
3.1
―
Logic HIGH Output Voltage
VOH
2
IOH = -3.5 mA,
VF = 0.8 V
VCC = 20 V
17.4
18.1
―
V
VCC = 20 V
Ta = -40~85
°C
―
4.0
6.0
Logic LOW Supply Current
ICCL
3
IF = 5 mA
VCC = 5 V
Ta = 25
°C
―
3.6
4.5
mA
VCC = 20 V
Ta = -40~85
°C
―
3.1
6.0
Logic HIGH Supply Current
ICCH
4
VF=0V
VCC = 5 V
Ta = 25
°C
―
2.8
4.5
mA
Logic LOW Short Circuit
Output Current
IOSL
5
IF = 5 mA
VCC = VO = 20 V
7
37
―
mA
Logic HIGH Short Circuit
Output Current
IOSH
6
VF = 0 V, VO = GND
VCC = 20 V
-7
-40
―
mA
Input Current Logic LOW
Output
IFHL
―
IO = 3.5 mA, VO < 0.4 V
―
0.3
3
mA
Input Voltage Logic HIGH
Output
VFLH
―
IO = -3.5 mA, VO > 2.4V
0.8
―
―
V
Input Current Hysteresis
IHYS
―
VCC = 5 V
―
0.05
―
mA
*All typical values are at Ta = 25
°C.
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
V = 0, f = 1 MHz
(Note 2)
―
0.8
―
pF
Isolation Resistance
RS
R.H. ≤ 60%, VS = 500 V
(Note 2)
1×10
12
10
14
―
Ω
AC, 1 minute
3750
―
―
Vrms
AC, 1 second, in oil
―
10000
―
Isolation Voltage
BVS
DC, 1 minute, in oil
―
10000
―
Vdc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com